Electronic Components Datasheet Search
  English  ▼

X  

P1326P Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P1326P
Description  SURFACE MOUNT POWER INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P1326P Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P1326P Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIMENSIONS (mm)
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
P1326P SERIES
• High energy storage, low resistance
• Extra low core loss
• Excellent heat dissipation
• Operating temperature range: -40°C to +85°C
• Custom design available upon request
• RoHS compliant product
ELECTRICAL PARAMETERS @ 25°C
Part Number
P1326P-
Inductance
(µH)
(±10%)
Idc
(A)
(MAX)
DCR
(mΩ)
(MAX)
470
47
10.5
13
680
68
9.0
17
101
100
7.5
25
151
150
6.0
38
221
220
5.0
50
331
330
4.0
80
471
470
3.5
100
681
680
3.0
135
Note:
1.
Inductance measured: 100KHz, 0.1Vrms
2.
Idc:ΔL25%typicalfrominitialvalueorΔT40°Ctypicalfromambienttemp,whicheverissooner
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
SURFACE MOUNT
POWERINDUCTOR
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.008
.XXX : ±0.004
mm: X,X : ±0,20
X,XX : ±0,10


Similar Part No. - P1326P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
P132 IRF-P132 Datasheet
82Kb / 7P
PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
P132 IRF-P132 Datasheet
82Kb / 7P
PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Vishay Siliconix
P132 VISHAY-P132 Datasheet
179Kb / 6P
Passivated Assembled Circuit Elements, 25 A
04-Nov-09
logo
Tripp Lite. All Rights ...
P132-000 TRIPPLITE-P132-000 Datasheet
168Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F/M)
P132-06N-MICRO TRIPPLITE-P132-06N-MICRO Datasheet
157Kb / 2P
Micro HDMI (Type D) to DVI-D Adapter (M/F), 6-in.
More results

Similar Description - P1326P

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI0L8103B44 PCA-EPI0L8103B44 Datasheet
58Kb / 1P
Surface Mount Power Inductor
EPI1L7312B30 PCA-EPI1L7312B30 Datasheet
59Kb / 1P
Surface Mount Power Inductor
EPI6L5972BH68 PCA-EPI6L5972BH68 Datasheet
33Kb / 1P
Surface Mount Power Inductor
EPI1L4143BH44 PCA-EPI1L4143BH44 Datasheet
52Kb / 1P
Surface Mount Power Inductor
EPI1L0303D PCA-EPI1L0303D Datasheet
40Kb / 1P
Surface Mount Power Inductor
EPI0L4592KSP45 PCA-EPI0L4592KSP45 Datasheet
59Kb / 2P
Surface Mount Power Inductor
EPI100232G3229 PCA-EPI100232G3229 Datasheet
42Kb / 1P
Surface Mount Power Inductor
EPI0L3552KSP45L PCA-EPI0L3552KSP45L Datasheet
52Kb / 2P
Surface Mount Power Inductor
logo
Murata Manufacturing Co...
30000B MURATA-30000B Datasheet
175Kb / 3P
Surface Mount Power Inductor
3000B MURATA-3000B Datasheet
175Kb / 3P
Surface Mount Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com