Electronic Components Datasheet Search
  English  ▼

X  

P1320P-310 Datasheet(PDF) 1 Page - MPS Industries, Inc.

Part # P1320P-310
Description  SURFACE MOUNT POWER INDUCTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPSIND [MPS Industries, Inc.]
Direct Link  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

P1320P-310 Datasheet(HTML) 1 Page - MPS Industries, Inc.

  P1320P-310 Datasheet HTML 1Page - MPS Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DIMENSIONS (mm)
Tel: 310-325-1043
Fax: 310-325-1044
www.mpsind.com
sales@mpsind.com
P1320P SERIES
• High energy storage, low resistance
• Extra low core loss
• Excellent heat dissipation
• Operating temperature range: -40°C to +85°C
• Custom design available upon request
• RoHS compliant product
ELECTRICAL PARAMETERS @ 25°C
Part Number
P1320P-
Inductance
(µH)
(±10%)
Idc
(A)
(MAX)
DCR
(mΩ)
(MAX)
5R5
5.5
14.5
5
7R5
7.5
13.5
6
100
10
12.0
7
160
16
9.6
9
190
19
8.5
11
230
23
8.0
12
270
27
7.5
15
310
31
6.8
18
360
36
6.4
20
410
41
5.5
26
580
58
4.8
36
Note:
1.
Inductance measured: 100KHz, 0.1Vrms
2.
Idc:ΔL25%typicalfrominitialvalueorΔT40°Ctypicalfromambienttemp,whicheverissooner
Productperformanceislimitedtospecifiedparameters.Dataissubjecttochangewithoutpriornotice.
SURFACE MOUNT
POWERINDUCTOR
Dimensions
Unlessotherwisespecified,alltolerancesare:
inch: .XX : ±0.008
.XXX : ±0.004
mm: X,X : ±0,20
X,XX : ±0,10


Similar Part No. - P1320P-310

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P132000 TRIPPLITE-P132000 Datasheet
501Kb / 2P
DVI to HDMI Cable Adapter (DVI-D to HDMI F-M)
P13206NMICRO TRIPPLITE-P13206NMICRO Datasheet
476Kb / 2P
Micro HDMI (Type D) to DVI-D Adapter (M-F), 6-in
P13208N TRIPPLITE-P13208N Datasheet
478Kb / 2P
HDMI to DVI Cable Adapter (HDMI-M to DVI-D F) 8-in
More results

Similar Description - P1320P-310

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI0L8103B44 PCA-EPI0L8103B44 Datasheet
58Kb / 1P
Surface Mount Power Inductor
EPI1L7312B30 PCA-EPI1L7312B30 Datasheet
59Kb / 1P
Surface Mount Power Inductor
EPI6L5972BH68 PCA-EPI6L5972BH68 Datasheet
33Kb / 1P
Surface Mount Power Inductor
EPI1L4143BH44 PCA-EPI1L4143BH44 Datasheet
52Kb / 1P
Surface Mount Power Inductor
EPI1L0303D PCA-EPI1L0303D Datasheet
40Kb / 1P
Surface Mount Power Inductor
EPI0L4592KSP45 PCA-EPI0L4592KSP45 Datasheet
59Kb / 2P
Surface Mount Power Inductor
EPI100232G3229 PCA-EPI100232G3229 Datasheet
42Kb / 1P
Surface Mount Power Inductor
EPI0L3552KSP45L PCA-EPI0L3552KSP45L Datasheet
52Kb / 2P
Surface Mount Power Inductor
logo
Murata Manufacturing Co...
30000B MURATA-30000B Datasheet
175Kb / 3P
Surface Mount Power Inductor
3000B MURATA-3000B Datasheet
175Kb / 3P
Surface Mount Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com