Electronic Components Datasheet Search
  English  ▼

X  

IXBOD1-07 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXBOD1-07
Description  Breakover Diode Gen
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBOD1-07 Datasheet(HTML) 1 Page - IXYS Corporation

  IXBOD1-07 Datasheet HTML 1Page - IXYS Corporation IXBOD1-07 Datasheet HTML 2Page - IXYS Corporation IXBOD1-07 Datasheet HTML 3Page - IXYS Corporation IXBOD1-07 Datasheet HTML 4Page - IXYS Corporation IXBOD1-07 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2013 IXYS All rights reserved
1 - 5
20130822a
IXBOD1
IXYS reserves the right to change limits, test conditions and dimensions.
Data according ot IEC 60747 and per semiconductor unless otherwise specified
V
BO = 600-1000 V
I
AVM =
0.9 A
Breakover Diode Gen1
(BOD1)
V
BO
Standard Types
[V]
600 ±50
IXBOD1-06
700 ±50
IXBOD1-07
800 ±50
IXBOD1-08
900 ±50
IXBOD1-09
1000 ±50
IXBOD1-10
Features / Advantages:
• Very low forward voltage drop
• Low leakage current
Package: FP-Case
• Industry standard outline
• RoHS compliant
• Epoxy meets UL 94V-0
• Soldering pins for PCB mounting
• Base plate: Plastic overmolded tab
• Reduced weight
Backside: isolated
A
K
Applications:
• High voltage circuit protection
• Transient voltage protection
• Trigger device
• Power pulse generators
• Lightning and arcing protection
• Energy discharge circuits
• Battery overvoltage protection
• Solar array protection


Similar Part No. - IXBOD1-07

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBOD1-07 IXYS-IXBOD1-07 Datasheet
252Kb / 8P
Breakover Diodes
More results

Similar Description - IXBOD1-07

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BR211 PHILIPS-BR211 Datasheet
32Kb / 7P
Breakover diodes
August 1996 Rev 1.200
BR211SM PHILIPS-BR211SM Datasheet
32Kb / 6P
Breakover diodes
August 1996 Rev 1.100
BRS212 PHILIPS-BRS212 Datasheet
32Kb / 6P
Breakover diodes
January 1997 Rev 1.000
logo
IXYS Corporation
IXBOD1-12 IXYS-IXBOD1-12 Datasheet
252Kb / 8P
Breakover Diodes
logo
Microdiode Semiconducto...
DB3 CHENDA-DB3_1 Datasheet
73Kb / 2P
BIDIRECTIONAL TRIGGER DIODE Low breakover current
logo
IXYS Corporation
IXBOD1-12RD IXYS-IXBOD1-12RD Datasheet
258Kb / 8P
Breakover Diodes
IXBOD1-13RD IXYS-IXBOD1-13RD Datasheet
258Kb / 8P
Breakover Diodes
IXBOD1-28RD IXYS-IXBOD1-28RD Datasheet
258Kb / 8P
Breakover Diodes
IXBOD1-24RD IXYS-IXBOD1-24RD Datasheet
258Kb / 8P
Breakover Diodes
IXBOD2 IXYS-IXBOD2 Datasheet
226Kb / 4P
Breakover Diode Gen
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com