Electronic Components Datasheet Search
  English  ▼

X  

M0437WC080 Datasheet(PDF) 10 Page - IXYS Corporation

Part # M0437WC080
Description  Soft Recovery Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

M0437WC080 Datasheet(HTML) 10 Page - IXYS Corporation

Back Button M0437WC080 Datasheet HTML 3Page - IXYS Corporation M0437WC080 Datasheet HTML 4Page - IXYS Corporation M0437WC080 Datasheet HTML 5Page - IXYS Corporation M0437WC080 Datasheet HTML 6Page - IXYS Corporation M0437WC080 Datasheet HTML 7Page - IXYS Corporation M0437WC080 Datasheet HTML 8Page - IXYS Corporation M0437WC080 Datasheet HTML 9Page - IXYS Corporation M0437WC080 Datasheet HTML 10Page - IXYS Corporation M0437WC080 Datasheet HTML 11Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Soft Recovery Diode Types M0437WC080 to M0437WC140
Data Sheet. Types M0437WC080 to M0437WC140 Issue 3
Page 10 of 11
October 2014
Figure 13
– Maximum surge and I2t ratings
Figure 14
– Transient thermal impedance
0.0001
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
Time (s)
SSC 0.18K/W
DSC 0.09K/W
M0437WC080-140
Issue 3
M0437WC080-140
Issue 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com