Electronic Components Datasheet Search
  English  ▼

X  

STCD20AH Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # STCD20AH
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

STCD20AH Datasheet(HTML) 2 Page - Zowie Technology Corporation

  STCD20AH Datasheet HTML 1Page - Zowie Technology Corporation STCD20AH Datasheet HTML 2Page - Zowie Technology Corporation STCD20AH Datasheet HTML 3Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES STCDH SERIES
Zowie Technology Corporation
2012/10
TJ=25
oC
Pulse width (td) is defined
as the point where the
peak current decays to
50% of IPPM
8.3MS SINGLE HALF SINE-WAVE
tr =10 usec.
Peak Value
IPPM
10/1000usec.Waveform
As defined by R.E.A.
5
0
50
10
1
5
NUMBER OF CYCLES AT 60Hz
FIG.6 - MAXIMUN NON-REPETITIVE SURGE CURRENT
UNI-DIRECTIONAL ONLY CURRENT
FIG.3 - PULSE WAVEFORM
PULSE WIDTH, td (us)
FIG.5 - STEADY STATE POWER DERATING CURVE
FIG.1- PEAK PULSS POWER RATING CURVE
0.1
150
100
50
0
0
1.0
2.0
3.0
4.0
25
20
15
10
100
1
10
100
0.1
1.0
10
100
10000
1000
0
25
50
75
100
0
75
25
50
100
125
175
150
AMBIENT TEMPERATURE (
o
C )
FIG.2 - PULSE DERATING CURVE
0
0.1
0.2
0.3
0.4
0
75
25
100
125
150
175
200
TL - LEAD TEMPERATURE (
OC )
50
t - TIME (ms)
Haif Value -
IPPM
IPPM
2
td
FIG. 6 - TYLPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
1
1
10
100
1000
10
100
1000
10000
Uni-directional @VRWM
Bi-directional @VRWM
Uni-directional @zero bias
Bi-directional @zero bias



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com