Electronic Components Datasheet Search
  English  ▼

X  

2SC2951 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # 2SC2951
Description  The ASI 2SC2951 is a High Frequency Transistor Designed for General Purpose Oscillator Applications up to 10 GHz.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

2SC2951 Datasheet(HTML) 1 Page - Advanced Semiconductor

  2SC2951 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C.
REV. B
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1202 • FAX (818) 765-3004
1/1
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
TEST CONDITIONS
MINIMUM
TYPICAL MAXIMUM
UNITS
BVCEO
IC = 1.0 mA
16
V
BVCBO
IC = 100
µA
25
V
BVEBO
IE = 100
µA
1.5
V
ICBO
VCB = 15 V
1.0
µµµµA
IEBO
VEB = 1.0 V
4.0
µA
hFE
VCE = 8.0 V
IC = 200 mA
20
200
---
COB
VCB = 10 V
f = 1.0 MHz
2.9
4.0
pF
S212
VCC = 8.0 V
IC = 200 mA
f = 1.0 GHz
3.5
dB
POSC
VCE = 12 V
IC = 200 mA
f = 7.5 GHz
630
mW
NPN SILICON HIGH FREQUENCY TRANSISTOR
2SC2951
DESCRIPTION:
The ASI
2SC2951 is a High
Frequency Transistor Designed for
General Purpose Oscillator
Applications up to 10 GHz.
FEATURES:
•••• P
OSC = 630 mW Typical at 7.5 GHz
•••• Omnigold™ Metallization System
MAXIMUM RATINGS
IC
440 mA
VCE
16 V
VCB
25 V
PDISS
9.7 W @ TC = 25 °C
TJ
-65 to +200 °C
TSTG
-65 to +200 °C
θθθθ
JC
18 °C/W
PACKAGE STYLE .200 2L FLG


Similar Part No. - 2SC2951

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
2SC2952 ASI-2SC2952 Datasheet
28Kb / 1P
The 2SC2592 is a High Frequency Transistor Designed for General Purpose VHF-UHF Amplifier Applications.
2SC2952 ASI-2SC2952 Datasheet
73Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
2SC2952 ASI-2SC2952_09 Datasheet
73Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
2SC2954 NEC-2SC2954 Datasheet
103Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
logo
Inchange Semiconductor ...
2SC2954 ISC-2SC2954 Datasheet
241Kb / 5P
isc Silicon NPN RF Transistor
More results

Similar Description - 2SC2951

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
2SC2952 ASI-2SC2952 Datasheet
28Kb / 1P
The 2SC2592 is a High Frequency Transistor Designed for General Purpose VHF-UHF Amplifier Applications.
logo
E-Tech Electronics LTD
G2N4403 ETL-G2N4403 Datasheet
113Kb / 2P
The G2N4403 is designed for general purpose switching and amplifier applications.
G2N5401 ETL-G2N5401 Datasheet
149Kb / 3P
The G2N5401 is designed for general purpose applications requiring high breakdown voltages.
G8550S ETL-G8550S Datasheet
177Kb / 3P
The G8550S is designed for general purpose amplifier applications
G9014 ETL-G9014 Datasheet
184Kb / 3P
The G9014 is designed for general purpose amplifier applications
GMBTA06 ETL-GMBTA06 Datasheet
233Kb / 2P
The GMBTA06 is designed for general purpose amplifier applications
GMSD1664 ETL-GMSD1664 Datasheet
193Kb / 2P
The GMSD1664 is designed for general purpose amplifier applications.
GS123 ETL-GS123 Datasheet
157Kb / 2P
The GS123 is designed for general purpose amplifier applications.
GSB1694 ETL-GSB1694 Datasheet
125Kb / 2P
The GSB1694 is designed for general purpose amplifier applications
logo
Central Semiconductor C...
CP788X-2N5087 CENTRAL-CP788X-2N5087 Datasheet
712Kb / 3P
The CP788X-2N5087 is a silicon PNP transistor designed for general purpose applications.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com