Electronic Components Datasheet Search
  English  ▼

X  

6MBP15RH Datasheet(PDF) 1 Page - Fuji Electric

Part # 6MBP15RH
Description  Intelligent Power Module ( RH-Series )
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

6MBP15RH Datasheet(HTML) 1 Page - Fuji Electric

  6MBP15RH Datasheet HTML 1Page - Fuji Electric 6MBP15RH Datasheet HTML 2Page - Fuji Electric 6MBP15RH Datasheet HTML 3Page - Fuji Electric 6MBP15RH Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6MBP 15RH-060
IGBT IPM
600V
6×15A
Intelligent Power Module ( RH-Series )
n
n Maximum Ratings and Characteristics
• Absolute Maximum Ratings ( Tc=25°C)
Items
Symbols
Ratings
Units
Min.
Max.
DC Bus Voltage
VDC
0
450
DC Bus Voltage (surge)
VDC(Surge)
0
500
DC Bus Voltage (short operating)
VSC
400
Collector-Emitter Voltage
VCES
0
600
Inverter
Continuous
IC
15
Collector
1ms
ICP
30
A
Current
Duty=44.1%
-IC
15
Collector Power Dissipation One Transistor
PC
40
W
Voltage of Power Supply for Driver
VCC
-0.3
20
V
Input Signal Current
IIN
1
mA
Alarm Signal Voltage
VALM
0
VCC
V
Alarm Signal Current
IALM
15
mA
Junction Temperature
TJ
150
Operating Temperature
TOP
-20
100
°C
Storage Temperature
Tstg
-40
125
Isolation Voltage
A.C. 1min.
Viso
2500
V
Screw Torque
Mounting
(M4)
2.0
Nm
• Electrical Characteristics of Power Circuit ( at Tj=25°C, VCC=15V )
Items
Symbols
Conditions
Min.
Typ.
Max.
Units
Collector Current At Off Signal Input
ICES
VCE=600V, Input Terminal Open
1.0
mA
Collector-Emitter Saturation Voltage
VCE(Sat)
IC=15A
2.7
V
Forward Voltage of FWD
VF
-IC=15A
3.5
V
• Electrical Characteristics of Control Circuit ( at Tj=25°C, VCC=15V )
Items
Symbols
Conditions
Min.
Typ.
Max.
Units
Current of P-Line Side Driver (One Unit)
ICCP
fSW=0~15kHz, TC=-20~100°C
2.0
5.0
Current of N-Line Side Driver (Three Units)
ICCN
fSW=0~15kHz, TC=-20~100°C
4.0
10.0
On
1.00
1.35
1.70
Off
1.25
1.60
1.95
V
Input Zener Voltage
VZ
RIN=20k
Ω
8.0
IGBT Chips Over Heating Protec. Temp. Level
TjOH
Surface Of IGBT Chip
150
Hysteresis
TjH
20
Inverter Collector Current Protection Level
IOC
N-Side, (N1-N2 open)
21
27
33
A
Over Current Detecting Time
tDOC
Tj=25°C
5.0
7.0
µs
Alarm Signal Hold Time
tALM
1.0
2.0
ms
Over Current Detecting Resistance Value
ROC
7.5
m
Ω
Under Voltage Protection Level
VUV
11.0
12.5
Hysteresis
VH
0.2
0.8
• Dynamic Characteristics ( at TC=Tj=125°C, VCC=15V )
Items
Symbols
Conditions
Min.
Typ.
Max.
Units
tON
IC=15A, VDC=300V
0.5
Switching Time
tOFF
3.5
µs
tRR
IF=15A, VDC=300V
0.5
• Thermal Characteristics
Items
Symbols
Conditions
Min.
Typ.
Max.
Units
Rth(j-c)
Inverter IGBT
3.1
Thermal Resistance
Rth(j-c)
Diode
5.4
°C/W
Rth(c-f)
With Thermal Compound
0.05
n
n Outline Drawing
VIN(th)
Input Signal Threshold Voltage
V
mA
°C
V


Similar Part No. - 6MBP15RH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
6MBP15RH060 ETC-6MBP15RH060 Datasheet
105Kb / 5P
IGBT Modules
logo
Fuji Electric
6MBP15RH060 FUJI-6MBP15RH060 Datasheet
107Kb / 5P
600V / 15A / 6 in one-package
More results

Similar Description - 6MBP15RH

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
6MBP150RA-060 FUJI-6MBP150RA-060 Datasheet
365Kb / 7P
Intelligent Power Module
7MBP100RA-060 FUJI-7MBP100RA-060 Datasheet
430Kb / 9P
Intelligent Power Module
7MBP150RA-060 FUJI-7MBP150RA-060 Datasheet
430Kb / 9P
Intelligent Power Module
7MBP50RA-060 FUJI-7MBP50RA-060 Datasheet
440Kb / 9P
Intelligent Power Module
7MBP75RA-060 FUJI-7MBP75RA-060 Datasheet
705Kb / 9P
Intelligent Power Module
6MBP75RA-120 FUJI-6MBP75RA-120 Datasheet
283Kb / 6P
Intelligent Power Module ( R-Series )
7MBP50RA-120 FUJI-7MBP50RA-120 Datasheet
332Kb / 7P
Intelligent Power Module ( R-Series )
logo
Mitsubishi Electric Sem...
PS51277-A MITSUBISHI-PS51277-A Datasheet
55Kb / 6P
Intelligent Power Intelligent Power Module
logo
Toshiba Semiconductor
TLP104 TOSHIBA-TLP104 Datasheet
592Kb / 13P
IPM (Intelligent Power Module)
logo
Alpha & Omega Semicondu...
AIM703S60C1 AOSMD-AIM703S60C1 Datasheet
812Kb / 11P
Intelligent Power Module
Rev.1.0 July 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com