Electronic Components Datasheet Search
  English  ▼

X  

AD8344 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8344
Description  Active Receive Mixer 400 MHz to 1.2 GHz
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8344 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8344 Datasheet HTML 9Page - Analog Devices AD8344 Datasheet HTML 10Page - Analog Devices AD8344 Datasheet HTML 11Page - Analog Devices AD8344 Datasheet HTML 12Page - Analog Devices AD8344 Datasheet HTML 13Page - Analog Devices AD8344 Datasheet HTML 14Page - Analog Devices AD8344 Datasheet HTML 15Page - Analog Devices AD8344 Datasheet HTML 16Page - Analog Devices AD8344 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD8344
Rev. 0 | Page 13 of 20
e
CIRCUIT DESCRIPTION
The AD8344 is a down converting mixer optimized for opera-
tion within the input frequency range of 400 MHz to 1.2 GHz. It
has a single-ended, 50 Ω RF input, as well as a single-ended,
50 Ω local oscillator (LO) input. The IF outputs are differential
open collectors. The mixer current can be adjusted by the value
of an external resistor to optimize performance for gain com-
pression and intermodulation or for low power operation.
Figure 35 shows the basic blocks of the mixer, which includes
the LO buffer, RF voltage-to-current converter, bias cell, and
mixing core.
The RF voltage to RF current conversion is done via an
inductively degenerated differential pair. When one side of the
differential pair is ac grounded, the other input can be driven
single-ended. The RF inputs can also be driven differentially.
The voltage-to-current converter then drives the emitters of a
four-transistor switching core. This switching core is driven by
an amplified version of the local oscillator signal connected to
the LO input. There are three limiting gain stages between the
external LO signal and the switching core. The first stage con-
verts the single-ended LO drive to a well balanced differential
drive. The differential drive then passes through two more gain
stages, which ensures a limited signal drives the switching core.
This affords the user a lower LO drive requirement, while
maintaining excellent distortion and compression performance.
The output signal of these three LO gain stages drives the four
transistors within the mixer core to commutate at the rate of th
local oscillator frequency. The output of the mixer core is taken
directly from these open collectors. The open collector outputs
present a high impedance at the IF frequency. The conversion
gain of the mixer depends directly on the impedance presented
to these open collectors. In characterization, a 200 Ω load was
presented to the part via a 4:1 impedance transformer.
The AD8344 also features a power-down function.
Application of a logic low at the PWDN pin allows normal
operation. A high logic level at the PWDN pin shuts down the
AD8344. Power consumption when the part is disabled is less
than 10 mW.
The bias for the mixer is set with an external resistor from the
EXRB pin to ground. The value of this resistor directly affects
the dynamic range of the mixer. The external resistor should not
be lower than 2.4 kΩ. Permanent damage to the part will result
if values below 2.4 kΩ are used.
LO
INPUT
VPLO
IFOP
IFOM
RFIN
VPMX
RFCM
BIAS
EXTERNAL
BIAS
RESISTOR
VPDC
PWDN
SE
TO
DIFF
Figure 35. AD8344 Simplified Schematic
As shown in Figure 36, the IF output pins, IFOP and IFOM, are
directly connected to the open collectors of the NPN transistors
in the mixer core so the differential and single-ended imped-
ances looking into this port are relatively high, on the order of
several kΩ. A connection between the supply voltage and these
output pins is required for proper mixer core operation.
IFOP IFOM
LOIN
RFCM
RFIN
COMM
Figure 36. Mixer Core Simplified Schematic
The AD8344 has three pins for the supply voltage: VPDC,
VPMX, and VPLO. These pins are separated to minimize or
eliminate possible parasitic coupling paths within the AD8344
that could cause spurious signals or reduced interport isolation.
Consequently, each of these pins should be well bypassed and
decoupled as close to the AD8344 as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com