Electronic Components Datasheet Search
  English  ▼

X  

AD7790B Datasheet(PDF) 16 Page - Analog Devices

Part # AD7790B
Description  Low Power, 16-Bit Buffered Sigma-Delta ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7790B Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7790B Datasheet HTML 12Page - Analog Devices AD7790B Datasheet HTML 13Page - Analog Devices AD7790B Datasheet HTML 14Page - Analog Devices AD7790B Datasheet HTML 15Page - Analog Devices AD7790B Datasheet HTML 16Page - Analog Devices AD7790B Datasheet HTML 17Page - Analog Devices AD7790B Datasheet HTML 18Page - Analog Devices AD7790B Datasheet HTML 19Page - Analog Devices AD7790B Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD7790
Rev. 0 | Page 16 of 20
Continuous Read Mode
Rather than write to the communications register each time a
conversion is complete to access the data, the AD7790 can be
placed in continuous read mode. By writing 001111XX to the
communications register, the user only needs to apply the
appropriate number of SCLK cycles to the ADC and the 16-bit
word will automatically be placed on the DOUT/RDY line
when a conversion is complete.
When DOUT/RDY goes low to indicate the end of a conver-
sion, sufficient SCLK cycles must be applied to the ADC and the
data conversion will be placed on the DOUT/RDY line. When
the conversion is read, DOUT/RDY will return high until the
next conversion is available. In this mode, the data can be read
only once. Also, the user must ensure that the data-word is read
before the next conversion is complete. If the user has not read
the conversion before the completion of the next conversion or
if insufficient serial clocks are applied to the AD7790 to read the
word, the serial output register is reset when the next conver-
sion is complete and the new conversion is placed in the output
serial register.
To exit the continuous read mode, the instruction 001110XX
must be written to the communications register while the RDY
pin is low. While in the continuous read mode, the ADC
monitors activity on the DIN line so that it can receive the
instruction to exit the continuous read mode. Additionally, a
reset will occur if 32 consecutive 1s are seen on DIN. Therefore,
DIN should be held low in continuous read mode until an
instruction is to be written to the device.
03538-0-011
DIN
SCLK
DOUT/RDY
CS
0x3C
DATA
DATA
DATA
Figure 10. Continuous Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com