Electronic Components Datasheet Search
  English  ▼

X  

ADM3082 Datasheet(PDF) 2 Page - Analog Devices

Part # ADM3082
Description  High-Speed (10Mbps), Fail-Safe, RS-485/RS-422 Transceivers with Slew-Rate-Limiting and 5kV ESD Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3082 Datasheet(HTML) 2 Page - Analog Devices

  ADM3082 Datasheet HTML 1Page - Analog Devices ADM3082 Datasheet HTML 2Page - Analog Devices ADM3082 Datasheet HTML 3Page - Analog Devices ADM3082 Datasheet HTML 4Page - Analog Devices ADM3082 Datasheet HTML 5Page - Analog Devices ADM3082 Datasheet HTML 6Page - Analog Devices ADM3082 Datasheet HTML 7Page - Analog Devices ADM3082 Datasheet HTML 8Page - Analog Devices ADM3082 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ADM3082/ADM3085/ADM3088
–2 –
PRELIMINARY TECHNICAL DATA
ADM3082/ADM3085/ADM3088 SPECIFICATIONS
DCELECTRICALCHARACTERISTICS
(VCC = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.) (Note 1)
DRIVER
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
Differential Driver Output, VOD1
5
V
Figure 1 (No Load)
Differential Driver Output,VOD2
2.0
V
Figure 1, R = 50
(RS-422)
1.5
V
Figure 1, R = 27
(RS-485)
Change-in-Magnitude of Differential
0.2
V
Figure 1, R = 50
or R = 27
Common-Mode Output Voltage,
VOD
(Note 2)
Driver Common-Mode
3
V
Figure 1, R = 50
or R = 27
Output Voltage, VOC
Change-in-Magnitude of
0.2
V
Figure 1, R = 50
or R = 27
Common-Mode Voltage,
VOC
(Note 2)
Input High Voltage,VIH1
2.0
V
(DE, DI,
RE)
Input Low Voltage, VlL1
0.8
V
(DE, DI,
RE)
DI Input Hysteresis, VHYS
100
m V
Input Current, IIN1 (DE, DI,
RE)±2
µ A
Input Current (A and B), IIN4
125
µ A
DE = GND, VCC = GND or 5.25V,
VIN = 12V
–75
µ A
DE = GND, VCC = GND or 5.25V,
VIN = –7V
Output Leakage (Y and Z),
125
µ A
DE = GND, VCC = GND or 5.25V,
Full Duplex, IO
VIN = 12V
–100
µ A
DE = GND, VCC = GND or 5.25V,
VIN = –7V
Driver Short-Circuit,VOD1
–250
m A
–7V
VOUT
VCC (Note 3)
Output Current
250
m A
0V
VOUT
12V (Note 3)
±25
m A
0V
VOUT
VCC (Note 3)
REV. PrA 02/02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com