Electronic Components Datasheet Search
  English  ▼

X  

AH288 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AH288
Description  S
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AH288 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AH288 Datasheet HTML 1Page - List of Unclassifed Manufacturers AH288 Datasheet HTML 2Page - List of Unclassifed Manufacturers AH288 Datasheet HTML 3Page - List of Unclassifed Manufacturers AH288 Datasheet HTML 4Page - List of Unclassifed Manufacturers AH288 Datasheet HTML 5Page - List of Unclassifed Manufacturers AH288 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AH350
Linear Hall-Effect Sensors
Anachip Corp.
www.anachip.com.tw
Rev 0.1 Jan 19, 2005
2/6
Block Diagram
3
2
1 VCC
REG.
X
OUTPUT
GND
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Supply voltage
Vcc
8
V
Magnetic flux density
B
Unlimited
Gauss
Operating temperature range
Top
-20~+85
°C
Storage temperature range
Tstg
-65~+150
°C
Electrical Characteristics (at Ta = 25°C, Vcc=5V)
Characteristic
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
Vcc
4.5
-
6.0
V
Supply Current
Icc
-
5
9
mA
Quiescent Output Voltage
Vout
B=0G
2.35
2.60
2.85
V
Sensitivity
∆Vout
B=0G to ±900G
1.4
1.8
2.2
mV/G
Bandwidth (-3 dB)
BW
-
23
-
kHz
Broadband Output Noise
Vout
BW=10Hz to 10kHz
-
90
-
µV
Output Resistance
Rout
-
50
220
Ω
All output-voltage measurements are made with a voltmeter having an input impedance of at least 10 kΩ. Magnetic flux density is
measured at most sensitive area of device located 1.15mm below from top side and 2.0mm from right side.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com