Electronic Components Datasheet Search
  English  ▼

X  

ADS5440IPFP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5440IPFP
Description  13-BIT 210 MSPS ANALOG-TO-DIGITAL CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5440IPFP Datasheet(HTML) 3 Page - Texas Instruments

  ADS5440IPFP Datasheet HTML 1Page - Texas Instruments ADS5440IPFP Datasheet HTML 2Page - Texas Instruments ADS5440IPFP Datasheet HTML 3Page - Texas Instruments ADS5440IPFP Datasheet HTML 4Page - Texas Instruments ADS5440IPFP Datasheet HTML 5Page - Texas Instruments ADS5440IPFP Datasheet HTML 6Page - Texas Instruments ADS5440IPFP Datasheet HTML 7Page - Texas Instruments ADS5440IPFP Datasheet HTML 8Page - Texas Instruments ADS5440IPFP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
ADS5440
SLAS467 – JULY 2005
MIN
NOM
MAX
UNIT
SUPPLIES
AVDD
Analog supply voltage
4.75
5.0
5.25
V
DRVDD
Output driver supply voltage
3.0
3.3
3.6
V
ANALOG INPUT
Differential input range
2.2
VPP
VCM
Input common mode
2.4
V
CLOCK INPUT
1/tC
ADCLK input sample rate (sine wave)
210
MSPS
Clock amplitude, differential sine wave
3
Vpp
Clock duty cycle
50%
TA
Open free air temperature
–40
85
°C
MIN, TYP, and MAX values at T
A = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, sampling rate = 210 MSPS,
50% clock duty cycle, AV
DD = 5 V, DRVDD = 3.3 V, –1 dBFS differential input, and 3 VPP differential clock, unless otherwise
noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution
13
Bits
ANALOG INPUTS
Differential input range
2.2
Vpp
Differential input resistance (DC)
1
k
Ω
Differential input capacitance
1.5
pF
Analog input bandwidth
500
MHz
INTERNAL REFERENCE VOLTAGE
VREF
Reference voltage
2.4
V
DYNAMIC ACCURACY
No missing codes
Tested
DNL
Differential linearity error
fIN = 10 MHz
±0.9
LSB
INL
Integral linearity error
fIN = 10 MHz
±1.5
LSB
Offset error
–5
5
mV
Offset temperature coefficient
mV/
°C
Gain error
–5
5
%FS
Gain temperature coefficient
∆%/°C
PSRR
mV/V
POWER SUPPLY
IAVDD
Analog supply current
350
mA
IDRVDD
Output buffer supply current
VIN = full scale, fIN = 70 MHz, FS = 210 MSPS
84
mA
Power dissipation
2.0
W
Power-up time
20
ms
DYNAMIC AC CHARACTERISTICS
fIN = 10 MHz
69.5
fIN = 70 MHz
69.3
fIN = 100 MHz
69.1
SNR
Signal-to-noise ratio
fIN = 170 MHz
69.1
dBc
fIN = 230 MHz
68.1
fIN = 300 MHz
67.5
fIN = 400 MHz
66.5
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com