Electronic Components Datasheet Search
  English  ▼

X  

ADM3085AR Datasheet(PDF) 3 Page - Analog Devices

Part # ADM3085AR
Description  High-Speed (10Mbps), Fail-Safe, RS-485/RS-422 Transceivers with Slew-Rate-Limiting and 5kV ESD Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3085AR Datasheet(HTML) 3 Page - Analog Devices

  ADM3085AR Datasheet HTML 1Page - Analog Devices ADM3085AR Datasheet HTML 2Page - Analog Devices ADM3085AR Datasheet HTML 3Page - Analog Devices ADM3085AR Datasheet HTML 4Page - Analog Devices ADM3085AR Datasheet HTML 5Page - Analog Devices ADM3085AR Datasheet HTML 6Page - Analog Devices ADM3085AR Datasheet HTML 7Page - Analog Devices ADM3085AR Datasheet HTML 8Page - Analog Devices ADM3085AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ADM3082/ADM3085/ADM3088
–3–
PRELIMINARY TECHNICAL DATA
ADM3082/ADM3085/ADM3088 SPECIFICATIONS (continued)
DCELECTRICALCHARACTERISTICS
(VCC = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.) (Note 1)
RECEIVER
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
Receiver Differential Threshold
–200
–125
–50
m V
–7V
VCM
12V
Voltage, VTH
Receiver Input Hysteresis,
VTH
25
m V
Receiver Output High Voltage, VOH
VCC –1 .5
V
IO = -4mA, VID = -50mV
Receiver Output Low Voltage, VOL
0.4
V
IO = 4mA, VID = -200mV
Three-State Output Current at
± 1
µ A
0.4V
VO
2.4V
Receiver, IOZR
Receiver Input Resistance, RIN
96
k
–7V
VCM
12V
Receiver Output Short-Circuit
± 7
±95
m A
0V
VRO
VCC
Current, IOSR
SUPPLY CURRENT
Parameter
Min
Typ
Max
Units
Test Conditions/Comments
Supply Current, ICC
430
900
µ A
No load,
RE = DI = GND or V
CC,
DE = VCC
375
600
µ A
No load,
RE = DI = GND or VCC,
DE = GND
Supply Current in
0.001
10
µ A
DE = GND, VRE = VCC
Shutdown Mode, ISHDN
ESD Protection for Y, Z, A, B
±15
k V
Human Body Model
NOTES
1All currents into the device are positive; all currents out of the device are negative. All voltages are referred to device ground unless otherwise noted.
2
DO and
VCC are the changes in VOD and VOC, respectively, when the DI input changes state.
3Maximum current level applies to peak current just prior to foldback-current limiting; minimum current level applies during current limiting.
REV. PrA 02/02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com