Electronic Components Datasheet Search
  English  ▼

X  

ATF750LVC Datasheet(PDF) 6 Page - ATMEL Corporation

Part # ATF750LVC
Description  High-speed Complex Programmable Logic Device
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF750LVC Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button ATF750LVC Datasheet HTML 2Page - ATMEL Corporation ATF750LVC Datasheet HTML 3Page - ATMEL Corporation ATF750LVC Datasheet HTML 4Page - ATMEL Corporation ATF750LVC Datasheet HTML 5Page - ATMEL Corporation ATF750LVC Datasheet HTML 6Page - ATMEL Corporation ATF750LVC Datasheet HTML 7Page - ATMEL Corporation ATF750LVC Datasheet HTML 8Page - ATMEL Corporation ATF750LVC Datasheet HTML 9Page - ATMEL Corporation ATF750LVC Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ATF750LVC
6
AC Waveforms, Input Pin Clock
(1)
Notes:
1.
Timing measurement reference is 1.5V. Input AC driving levels are 0.0V and 3.0V, unless otherwise specified.
AC Characteristics, Input Pin Clock
Symbol
Parameter
-15
Units
Min
Max
t
PD
Input or Feedback to Non-registered Output
15
ns
tEA
Input to Output Enable
15
ns
t
ER
Input to Output Disable
15
ns
t
COS
Clock to Output
0
10
ns
tCFS
Clock to Feedback
0
5.5
ns
t
SS
Input Setup Time
8
ns
t
SFS
Feedback Setup Time
7
ns
tHS
Hold Time
0
ns
t
PS
Clock Period
12
ns
t
WS
Clock Width
6
ns
f
MAXS
External Feedback 1/(tSS + tCOS)55
MHz
Internal Feedback 1/(t
SFS + tCFS)80
MHz
No Feedback 1/(t
PS)
83
MHz
tAW
Asynchronous Reset Width
15
ns
t
ARS
Asynchronous Reset Recovery Time
15
ns
t
AP
Asynchronous Reset to Registered Output Reset
15
ns
tSPS
Setup Time, Synchronous Preset
11
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com