Electronic Components Datasheet Search
  English  ▼

X  

MLX80002 Datasheet(PDF) 23 Page - Melexis Microelectronic Systems

Part # MLX80002
Description  Enhanced Universal Dual/Quad LIN Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX80002 Datasheet(HTML) 23 Page - Melexis Microelectronic Systems

Back Button MLX80002 Datasheet HTML 19Page - Melexis Microelectronic Systems MLX80002 Datasheet HTML 20Page - Melexis Microelectronic Systems MLX80002 Datasheet HTML 21Page - Melexis Microelectronic Systems MLX80002 Datasheet HTML 22Page - Melexis Microelectronic Systems MLX80002 Datasheet HTML 23Page - Melexis Microelectronic Systems MLX80002 Datasheet HTML 24Page - Melexis Microelectronic Systems MLX80002 Datasheet HTML 25Page - Melexis Microelectronic Systems MLX80002 Datasheet HTML 26Page - Melexis Microelectronic Systems MLX80002 Datasheet HTML 27Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
MLX80002/MLX80004
Enhanced Universal Dual/Quad LIN Transceiver
Datasheet
Revision 021 – Sept 2016
Page 23 of 38
9.8. TxDx faulty start protection
After power-on or wake-up a dominant level on TxDx will not lead to a dominant LINx level if the IC is being switched
into an active mode. Only in case of recessive level before applying the first dominant level the transmit path will be
enabled.
9.9. RxDx dominant time-out
A dominant LINx level longer than the specified time (typ. 40ms) indicates a faulty blocked bus. The master pull-up
resistor of the affected LIN channel will be disconnected from the network in order to prevent thermal overload
conditions or failure currents from the battery without any intervention from the microcontroller. Only a weak pull-up
current (typ.60uA) is applied on the LIN bus. The RxD time-out will be reset with the next dominant -> recessive
transition on the LIN bus if the failure disappears.
The RxDx time-out is only active in the Enhanced Master Mode, while the master termination is enabled.
9.10. TxDx dominant time-out
In case of a faulty blocked permanent dominant level on pin TxDx the transmit path will be disabled after the specified
time tTxDx_to (typ. 40ms). The data transmission is released again as soon as the failure disappears by the next rising
edge of TxDx. The TxDx time-out is active in both, the Standard Transceiver and Enhanced Master Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com