Electronic Components Datasheet Search
  English  ▼

X  

MLX90287 Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # MLX90287
Description  All-In-One Single-coil Fan drivers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90287 Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  MLX90287 Datasheet HTML 1Page - Melexis Microelectronic Systems MLX90287 Datasheet HTML 2Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Quick Reference
MLX90287
MLX90297
Minimum speed
Configurable
Configurable
Speed curve
Fixed
Configurable
Average Fan current
< 450 mA
< 600 mA
Current limiting
No
Yes
Soft start
Yes
Yes
Soft switching
Yes
Yes
Reverse polarity
Built-in
External diode
Supply voltage
[4.5, 18]
[3.3, 18]
ESD—HBM
6kV
9kV
Target Applications
Order code (*)
Grade
Package
FG/RD
Current Limit
MLX90287KZC-AAA000-RX
Industrial/Consumer
ZC: Straight leads SOIC8
FG
n/a
MLX90287LZC-AAA000-RX
Automotive
ZC: Straight leads SOIC8
FG
n/a
MLX90287LLD-AAA000-RX
Automotive
DFN10 3*3mm
FG
n/a
MLX90297KZC-AAA008-RX
Industrial/Consumer
ZC: Straight leads SOIC8
FG
Yes
MLX90297KZC-ABA008-RX
Industrial/Consumer
ZC: Straight leads SOIC8
RD
Yes
MLX90297KLD-AAA009-RX
Industrial/Consumer
DFN10 3*3mm
FG
Yes
(*) More order code options available. Please contact your sales representative for more information.
Disclaimer:
Devices sold by Melexis are covered by the warranty and patent indemnification provisions appearing in its Term of Sale.
Melexis makes no warranty, express, statutory, implied, or by description regarding the information set forth herein or
regarding the freedom of the described devices from patent infringement. Melexis reserves the right to change
specifications and prices at any time and without notice. Therefore, prior to designing this product into a system, it is
necessary to check with Melexis for current information. This product is intended for use in normal commercial
applications. Applications requiring extended temperature range, unusual environmental requirements, or high reliability
applications, such as military, medical life-support or life-sustaining equipment are specifically not recommended without
additional processing by Melexis for each application. The information furnished by Melexis is believed to be correct and
accurate. However, Melexis shall not be liable to recipient or any third party for any damages, including but not limited to
personal injury, property damage, loss of profits, loss of use, interrupt of business or indirect, special incidental or
consequential damages, of any kind, in connection with or arising out of the furnishing, performance or use of the
technical data herein. No obligation or liability to recipient or any third party shall arise or flow out of Melexis’ rendering of
technical or other services. © 2010 Melexis NV. All rights reserved.
For additional information email info@melexis.com
or go to our website at: www.melexis.com
CPU/VGA/PSU
White goods
Game consoles
Automotive: LED headlamp, Battery cooling, VGA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com