Electronic Components Datasheet Search
  English  ▼

X  

TH71071 Datasheet(PDF) 2 Page - Melexis Microelectronic Systems

Part # TH71071
Description  315/433MHz ASK Transmitter / LO Source
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71071 Datasheet(HTML) 2 Page - Melexis Microelectronic Systems

  TH71071 Datasheet HTML 1Page - Melexis Microelectronic Systems TH71071 Datasheet HTML 2Page - Melexis Microelectronic Systems TH71071 Datasheet HTML 3Page - Melexis Microelectronic Systems TH71071 Datasheet HTML 4Page - Melexis Microelectronic Systems TH71071 Datasheet HTML 5Page - Melexis Microelectronic Systems TH71071 Datasheet HTML 6Page - Melexis Microelectronic Systems TH71071 Datasheet HTML 7Page - Melexis Microelectronic Systems TH71071 Datasheet HTML 8Page - Melexis Microelectronic Systems TH71071 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TH71071
315/433MHz
ASK Transmitter / LO Source
3901071071
Page 2 of 10
Data Sheet
Rev. 004
Dec. 2001
General Description
The TH71071 ASK transmitter IC is designed for
applications in the European 433MHz industrial-
scientific-medical (ISM) band, according to the EN
300 220 telecommunications standard. It can also
be
used
for
any
other
system
with
carrier
frequencies ranging from 310 MHz to 450 MHz
(e.g. for applications in the US 315MHz ISM band).
The transmitter's carrier frequency fc is determined
by the frequency of the reference crystal fref that is
used. The integrated PLL synthesizer ensures that
each RF value, ranging from 310 MHz to 450 MHz,
can be achieved by using a crystal with reference
frequency according to: fref = fc/N, where N = 32 is
the PLL feedback divider ratio.
Theory of Operation
General
As depicted in Fig.1, the TH71071 transmitter
consists of a fully integrated voltage-controlled
oscillator (VCO), a divide-by-32 divider (div32), a
phase-frequency detector (PFD) and a charge
pump. An external loop filter at pin LF determines
the dynamic behaviour of the PLL and suppresses
reference spurious signals.
The VCO’s output signal feeds the power amplifier
(PA). RF signal power Po can be adjusted in six
steps from Po = –12 dBm to +2 dBm either by
changing the value of resistor R1 or by varying the
voltage VPS at pin PS/DATA. The open-collector
differential output (OUT1, OUT2) can be used to
either directly drive a loop antenna or to be
converted to a single-ended impedance by means
of a balanced-to-unbalanced (balun) transformer.
For
maximum
available
output
power,
the
differential output should be matched to a load of
approx. 1 k
Ω.
Bandgap biasing ensures stable operation of the IC
at a power supply range of 2.2 V to 5.5 V.
ASK Modulation
The TH71071 can be ASK-modulated by applying
data directly at pin PS. This turns the PA on and off
and therefore leads to an ASK signal at the output.
LO Source
Many applications require a stable RF source. For
this purpose, the TH71071 can be used without
modulation
as
an
easy-to-use,
PLL-stabilized,
continuous wave (CW) generator.
Frequency Modulation (FM)
For FM operation an external varactor is required. It
simply acts as a pulling capacitor connected in
series to the crystal. Then the analog modulation
signal, applied through a series resistor, directly
modulates the XOSC.
Mode Control Logic
The mode control logic allows two different modes
of operation as listed in the following table. The
mode control pin ENTX is pulled-down internally.
This guarantees that the whole circuit is shut down
if this pin is left floating.
ENTX
Mode
Description
0
TX disabled whole circuit in standby
1
TX enable
TX active
Table 1: Modes of operation



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com