Electronic Components Datasheet Search
  English  ▼

X  

TH71072 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # TH71072
Description  315/433MHz ASK Transmitter / LO Source
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH71072 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  TH71072 Datasheet HTML 1Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 2Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 3Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 4Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 5Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 6Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 7Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 8Page - Melexis Microelectronic Systems TH71072 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TH71072
315/433MHz
ASK Transmitter / LO Source
3901071072
Page 1 of 10
Data Sheet
Rev. 004
Dec. 2001
Features
! Fully integrated, PLL-stabilized VCO
! Flexible frequency range from 310 MHz to 450 MHz
! ASK achieved by on/off keying of internal
power amplifier
! FM possible with external varactor
! Wide power supply range from 2.2 V to 5.5 V
! High over-all frequency accuracy
! Very low standby current
!
Adjustable output power range from
-15 dBm to -1 dBm
! Adjustable current consumption from
4.8 mA to 11.5 mA
! Single-ended RF output
! Clock output for µC drive
! Conforms to EN 300 220 and similar
standard
Ordering Information
Part No.
Temperature Range
Package
TH71072
-40 C° to 85 °C
SOIC8
Application Examples
Pin Description
! Keyless car and central locking
! Low-power telemetry
! Alarm and security systems
! General digital data transmission
! General analog audio signal transmission
! Local oscillator signal generation
LF
VEE
CKOUT
ENTX
RO
VCC
OUT
TH71072
1
2
3
4
8
7
6
5 PS/DATA


Similar Part No. - TH71072

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH71072 ETC1-TH71072 Datasheet
254Kb / 10P
ASK Transmitter / LO Source
More results

Similar Description - TH71072

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH71071 ETC-TH71071 Datasheet
251Kb / 10P
315/433MHz ASK Transmitter / LO Source
TH7108 ETC-TH7108 Datasheet
212Kb / 10P
868/915MHz ASK Transmitter / LO Source
TH71072 ETC1-TH71072 Datasheet
254Kb / 10P
ASK Transmitter / LO Source
TH71081 ETC2-TH71081 Datasheet
214Kb / 10P
868/915MHz ASK Transmitter / LO Source
logo
Melexis Microelectronic...
TH72012 MELEXIS-TH72012 Datasheet
517Kb / 20P
433MHz ASK Transmitter
logo
Holtek Semiconductor In...
HT9831 HOLTEK-HT9831 Datasheet
112Kb / 9P
315/433MHz ASK Transmitter
logo
Melexis Microelectronic...
TH7107 MELEXIS-TH7107 Datasheet
376Kb / 16P
315/433MHz FSK/FM/ASK Transmitter
TH71071 MELEXIS-TH71071 Datasheet
254Kb / 10P
315/433MHz ASK Transmitter / LO Source
TH71081 MELEXIS-TH71081 Datasheet
215Kb / 10P
868/915MHz ASK Transmitter / LO Source
TH72012 MELEXIS-TH72012_17 Datasheet
1Mb / 21P
433MHz ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com