Electronic Components Datasheet Search
  English  ▼

X  

TH72036 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # TH72036
Description  868/915MHz FSK/ASK Transmitter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH72036 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  TH72036 Datasheet HTML 1Page - Melexis Microelectronic Systems TH72036 Datasheet HTML 2Page - Melexis Microelectronic Systems TH72036 Datasheet HTML 3Page - Melexis Microelectronic Systems TH72036 Datasheet HTML 4Page - Melexis Microelectronic Systems TH72036 Datasheet HTML 5Page - Melexis Microelectronic Systems TH72036 Datasheet HTML 6Page - Melexis Microelectronic Systems TH72036 Datasheet HTML 7Page - Melexis Microelectronic Systems TH72036 Datasheet HTML 8Page - Melexis Microelectronic Systems TH72036 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TH72036
868/915MHz
FSK/ASK Transmitter
Page 1 of 16
REVISION 010 - JUNE 14, 2017
3901072036
Features
Fully integrated PLL-stabilized VCO
Frequency range from 850 MHz to 930 MHz
Single-ended RF output
FSK through crystal pulling allows
modulation from DC to 40 kbit/s
High FSK deviation possible for wideband
data transmission
ASK achieved by on/off keying of internal
power amplifier up to 40 kbit/s
Wide power supply range from 1.95 V to 5.5
V
Very low standby current
Microcontroller clock output
On-chip low voltage detector
High over-all frequency accuracy
FSK deviation and center frequency
independently adjustable
Adjustable output power range from
-13 dBm to +9.5 dBm
Adjustable current consumption from
2.5 mA to 20.1 mA
Conforms to EN 300 220 and similar
standards
10-pin quad flat no lead (QFN) package
Application Examples
Tire Pressure Monitoring System (TPMS)
Remote Keyless Entry (RKE)
Automatic Meter Reading (AMR)
Alarm and security systems
Garage door openers
Home and building automation
Low-power telemetry
Wireless access control
Pin Description
Ordering information
Product Code
Temperature Code
Package Code
Option Code
Packing Form Code
TH72036
K
LD
CAA-000
RE
TH72036
K
LD
CAA-000
TU
Legend:
Temperature Code:
K for Temperature Range -40°C to 125°C
Package Code:
LD for QFN double
Packing Form:
RE for Reel, TU for Tube
Ordering example:
TH72036KLD-CAA-000-TU
General Description
The TH72036 FSK/ASK transmitter IC is designed for applications in the European 868 MHz industrial-scientific-medical
(ISM) band, according to the EN 300 220 telecommunications standard. It can also be used for any other system with
carrier frequencies ranging from 850 MHz to 930 MHz (e.g. for applications in the US 902 to 928 MHz ISM band).
The transmitter's carrier frequency fc is determined by the frequency of the reference crystal fref. The integrated PLL
synthesizer ensures that carrier frequencies, ranging from 850 MHz to 930 MHz, can be achieved. This is done by using
a crystal with a reference frequency according to: fref = fc/N, where N = 32 is the PLL feedback divider ratio.
A clock signal with selectable frequency is provided. It can be used to drive a microcontroller.


Similar Part No. - TH72036

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
TH72036 MELEXIS-TH72036 Datasheet
342Kb / 16P
868/915MHz FSK/ASK Transmitter
TH72036KLD MELEXIS-TH72036KLD Datasheet
342Kb / 16P
868/915MHz FSK/ASK Transmitter
TH72036KLD-CAA-000-RE MELEXIS-TH72036KLD-CAA-000-RE Datasheet
376Kb / 15P
FSK/ASK Transmitter
TH72036KLD-CAA-000-TU MELEXIS-TH72036KLD-CAA-000-TU Datasheet
376Kb / 15P
FSK/ASK Transmitter
TH72036 MELEXIS-TH72036_12 Datasheet
376Kb / 15P
FSK/ASK Transmitter
More results

Similar Description - TH72036

ManufacturerPart #DatasheetDescription
logo
Melexis Microelectronic...
EVB72035 MELEXIS-EVB72035 Datasheet
628Kb / 14P
868/915MHz FSK/ASK Transmitter Evaluation Board Description
EVB72036 MELEXIS-EVB72036 Datasheet
535Kb / 12P
868/915MHz FSK/ASK Transmitter Evaluation Board Description
TH72036 MELEXIS-TH72036 Datasheet
342Kb / 16P
868/915MHz FSK/ASK Transmitter
TH72035 MELEXIS-TH72035 Datasheet
547Kb / 20P
868/915MHz FSK/ASK Transmitter
TH72032 MELEXIS-TH72032 Datasheet
504Kb / 20P
868/915MHz ASK Transmitter
TH72031 MELEXIS-TH72031 Datasheet
516Kb / 20P
868/915MHz FSK Transmitter
TH7108 MELEXIS-TH7108 Datasheet
313Kb / 14P
868/915MHz FSK/FM/ASK Transmitter
TH72031 MELEXIS-TH72031_17 Datasheet
1Mb / 21P
868/915MHz FSK Transmitter
TH72032 MELEXIS-TH72032_17 Datasheet
1Mb / 21P
868/915MHz ASK Transmitter
TH72035 MELEXIS-TH72035_17 Datasheet
1Mb / 21P
868/915MHz FSK/ASK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com