Electronic Components Datasheet Search
  English  ▼

X  

CLC5801IM Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC5801IM
Description  High Speed Low Noise Voltage Feedback Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC5801IM Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button CLC5801IM Datasheet HTML 6Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 7Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 8Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 9Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 10Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 11Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 12Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 13Page - National Semiconductor (TI) CLC5801IM Datasheet HTML 14Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Application Information (Continued)
Low Noise Integrator
The Circuit in
Figure 10 implements a deBoo integrator. Inte-
gration linearity is maintained through positive feedback. The
CLC5801’s low input offset voltage and matched inputs al-
lowing bias current cancellation provide for very precise inte-
gration. Stability is maintained through the constraint on the
circuit elements.
High-Gain Sallen-Key Active Filters
The CLC5801 is well suited for high-gain Sallen-key type of
active filters.
Figure 11 shows the 2nd order Sallen-Key low
pass filter topology. Using component predistortion methods
as discussed in OA-21 enables the proper selection of com-
ponents for these high-frequency filters.
Low Noise Magnetic Media Equalizer
The circuit in
Figure 12 implements a high-performance
low-noise equalizer for such applications as magnetic tape
channels. The circuit combines an integrator with a band-
pass filter to produce the low-noise equalization.
The circuit’s simulated frequency response is illustrated in
Figure 13.
DS101307-39
FIGURE 9. Transimpedance Amplifier Noise Model
DS101307-40
FIGURE 10. Low Noise Integrator
DS101307-41
FIGURE 11. Sallen-Key Active Filter Topology
DS101307-42
FIGURE 12. Low Noise Magnetic Media Equalizer
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com