Electronic Components Datasheet Search
  English  ▼

X  

CM6504IP Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # CM6504IP
Description  8-PIN SINGLE PFC CONTROLLER WITH 50% PWM CLOCK SIGNAL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM6504IP Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CM6504IP Datasheet HTML 4Page - List of Unclassifed Manufacturers CM6504IP Datasheet HTML 5Page - List of Unclassifed Manufacturers CM6504IP Datasheet HTML 6Page - List of Unclassifed Manufacturers CM6504IP Datasheet HTML 7Page - List of Unclassifed Manufacturers CM6504IP Datasheet HTML 8Page - List of Unclassifed Manufacturers CM6504IP Datasheet HTML 9Page - List of Unclassifed Manufacturers CM6504IP Datasheet HTML 10Page - List of Unclassifed Manufacturers CM6504IP Datasheet HTML 11Page - List of Unclassifed Manufacturers CM6504IP Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CM6503/4
8-PIN SINGLE PFC CONTROLLER WITH 50% PWM CLOCK SIGNAL
2002/07/16
Preliminary Rev. 0.2
Champion Microelectronic Corporation
Page 8
For steady state and for the each phase angle, boost
converter DC equation at continuous conduction mode is:
)
1
(
1
d
V
V
in
out
−
=
(4)
Rearrange above equations, (1), (2),(3), and (4) in term of
Vout and d, boost converter duty cycle and we can get
average boost diode current equation (5):
e
out
d
R
V
d
I
×
−
=
2
)
1
(
(5)
Also, the average diode current can be expressed as:
dt
t
I
T
I
off
T
d
sw
d
⋅
=
∫
)
(
1
0
(6)
If the value of the boost inductor is large enough, we can
assume
d
d
I
t
I
~
)
(
. It means during each cycle or we
can say during the sampling, the diode current is a
constant.
Therefore, equation (6) becomes:
)
1
(
'
d
I
d
I
T
t
I
I
d
d
sw
off
d
d
−
×
=
×
=
×
=
(7)
Combine equation (7) and equation (5), and we get:
sw
off
e
out
d
e
out
d
e
out
d
T
t
R
V
I
R
V
d
I
R
V
d
d
I
×
=
∴
×
=
∴
×
=
×
'
2
'
'
)
(
(8)
From this simple equation (8), we implement the PFC control
section of the CM6503.
Leading/Trailing Modulation
Conventional Pulse Width Modulation (PWM) techniques
employ trailing edge modulation in which the switch will turn
ON right after the trailing edge of the system clock. The error
amplifier output is then compared with the modulating ramp.
When the modulating ramp reaches the level of the error
amplifier output voltage, the switch will be turned OFF. When
the switch is ON, the inductor current will ramp up. The
effective duty cycle of the trailing edge modulation is
determined during the ON time of the switch. Figure 2 shows
a typical trailing edge control scheme.
In case of leading edge modulation, the switch is turned OFF
right at the leading edge of the system clock. When the
modulating ramp reaches the level of the error amplifier
output voltage, the switch will be turned ON. The effective
duty-cycle of the leading edge modulation is determined
during OFF time of the switch. Figure 3 shows a leading
edge control scheme.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com