Electronic Components Datasheet Search
  English  ▼

X  

DM5445W Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM5445W
Description  DM5445/DM7445 BCD to Decimal Decoders/Drivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM5445W Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM5445W Datasheet HTML 1Page - National Semiconductor (TI) DM5445W Datasheet HTML 2Page - National Semiconductor (TI) DM5445W Datasheet HTML 3Page - National Semiconductor (TI) DM5445W Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF6517
June 1989
DM5445DM7445 BCD to Decimal DecodersDrivers
General Description
These BCD-to-decimal decodersdrivers consist of eight in-
verters and ten four-input NAND gates The inverters are
connected in pairs to make BCD input data available for
decoding by the NAND gates Full decoding of BCD input
logic ensures that all outputs remain off for all invalid
(10 – 15) binary input conditions These decoders feature
high-performance NPN output transistors designed for use
as indicatorrelay drivers or as open-collector logic-circuit
drivers The high-breakdown output transistors are compati-
ble for interfacing with most MOS integrated circuits
Features
Y
Full decoding of input logic
Y
80 mA sink-current capability
Y
All outputs are off for invalid BCD input conditions
Connection Diagram
Dual-In-Line Package
TLF6517 – 1
Order Number DM5445J DM5445W or DM7445N
See NS Package Number J16A N16E or W16A
Function Table
No
Inputs
Outputs
D
C
B
A
0123456789
0
L
L
L
L
L
HHHHHHHHH
1
L
L
L
HH
L
H
HHHHHHH
2
L
L
H
L
H
H
L
HHHHHHH
3
L
L
HHHHH
L
H
HHHHH
4
L
H
L
L
H
HHH
L
HHHHH
5
L
H
L
HHHHHH
L
H
HHH
6
L
H
HLH
H
H
H
H
HLH
H
H
7
L
HHHHHHHHHH
L
H
H
8
H
L
L
L
H
HHHHHHH
L
H
9
H
L
L
HHHHHHHHHH
L
I
H
L
H
L
H
HHHHHHHHH
N
H
L
HHHHHHHHHHHH
V
H
H
L
L
H
HHHHHHHHH
A
H
H
L
HHHHHHHHHHH
L
H
HH
L
H
HHHHHHHHH
I
H
HHHHHHHHHHHHH
D
H e High Level (Off) L e Low Level (On)
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DM5445W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM5441A ETC2-DM5441A Datasheet
529Kb / 4P
BCD/ DECIMAL DECODERS/DRIVERS
logo
National Semiconductor ...
DM5442AJ NSC-DM5442AJ Datasheet
118Kb / 6P
BCD to Decimal Decoders
DM5442AW NSC-DM5442AW Datasheet
118Kb / 6P
BCD to Decimal Decoders
DM5447A NSC-DM5447A Datasheet
118Kb / 6P
BCD to 7-Segment Decoders/Drivers
More results

Similar Description - DM5445W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54145 TI-SN54145 Datasheet
204Kb / 5P
BCD-TO-DECIMAL DECODERS/DRIVERS
SN5445 TI-SN5445 Datasheet
153Kb / 4P
BCD-TO-DECIMAL DECODERS/DRIVERS
logo
Fairchild Semiconductor
DM74145 FAIRCHILD-DM74145 Datasheet
40Kb / 4P
BCD to Decimal Decoders/Drivers
DM7445 FAIRCHILD-DM7445 Datasheet
41Kb / 4P
BCD to Decimal Decoders/Drivers
logo
Texas Instruments
SN74LS445 TI-SN74LS445 Datasheet
126Kb / 3P
BCD-TO-DECIMAL DECODERS/DRIVERS
logo
List of Unclassifed Man...
DN74LS445S ETC1-DN74LS445S Datasheet
283Kb / 3P
BCD to Decimal Decoders/Drivers
logo
National Semiconductor ...
DM54145 NSC-DM54145 Datasheet
124Kb / 4P
BCD to Decimal Decoders/Drivers
logo
Texas Instruments
SN54145 TI-SN54145_07 Datasheet
930Kb / 23P
BCD-TO-DECIMAL DECODERS/DRIVERS
SN54145 TI1-SN54145_15 Datasheet
1Mb / 16P
BCD-TO-DECIMAL DECODERS/DRIVERS
SN5445 TI1-SN5445_14 Datasheet
314Kb / 8P
BCD-TO-DECIMAL DECODERS/DRIVERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com