Electronic Components Datasheet Search
  English  ▼

X  

IN-C33CTLB Datasheet(PDF) 13 Page - Inolux Corporation

Part # IN-C33CTLB
Description  3535 High Power LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INOLUX [Inolux Corporation]
Direct Link  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

IN-C33CTLB Datasheet(HTML) 13 Page - Inolux Corporation

Back Button IN-C33CTLB Datasheet HTML 7Page - Inolux Corporation IN-C33CTLB Datasheet HTML 8Page - Inolux Corporation IN-C33CTLB Datasheet HTML 9Page - Inolux Corporation IN-C33CTLB Datasheet HTML 10Page - Inolux Corporation IN-C33CTLB Datasheet HTML 11Page - Inolux Corporation IN-C33CTLB Datasheet HTML 12Page - Inolux Corporation IN-C33CTLB Datasheet HTML 13Page - Inolux Corporation IN-C33CTLB Datasheet HTML 14Page - Inolux Corporation IN-C33CTLB Datasheet HTML 15Page - Inolux Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
IN-C33(X)TL(X) Series
3535 High Power LED
June 28, 2018
www.inolux-corp.com
Page 13
Inolux Corporation
Proprietary & Confidential
Precautions
1.
Recommendation for using LEDs
1.1
The lens of LEDs should not be exposed to dust or debris. Excessive dust and debris
may cause a drastic decrease in the luminosity.
1.2
Avoid mechanical stress on LED lens.
1.3
Do not touch the LED lens surface. It would affect the optical performance of the LED
due to the LED lens
’ damage.
1.4
Pick & place tools are recommended for the remove of LEDs from the factory tape &reel
packaging
2.
Pick & place nozzle
The pickup tool was recommended and shown as below
3.
Lens handling
Please follow the guideline to pick LEDs
3.1
Use tweezers to pick LEDs
3.2
Do not touch the lens by using tweezers
3.3
Do not touch lens with fingers
3.4
Do not apply more than 4N of lens (400g) directly onto thelens
4.
Lens cleaning
In the case which a small amount of dirt and dust particles remain on the lens surface,
a suitable cleaning solution can be applied.
4.1
Try a gentle wiping with dust-free cloth
4.2
If needed, use dust-free cloth and isopropyl alcohol to gently clean the dirt from the
lens surface.
4.3
Do not use other solvents as they may directly react with the LEDassembly
4.4
Do not use ultrasonic cleaning which will damage theLEDs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com