Electronic Components Datasheet Search
  English  ▼

X  

HT46C63 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT46C63
Description  A/D with LCD Type 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C63 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT46C63 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46C63 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
HT46R63/HT46C63
Rev. 1.90
19
May 17, 2004
and then write the results back to the latches or the ac-
cumulator.
Each line of port A has the capability of waking-up the
device. The pull-high resistor of each I/O line is decided
by options.
Comparator
There is a comparator implemented in this
microcontroller. This comparator can be enabled/dis-
abled by options. Its inputs are CMPP(+) and CMPN(-)
and outputs are CMPO and CHGO. When the CMPN in-
put level is less than the level of CMPP, the CMPO out-
put is VDD. When the CMPN input level is higher than the
level of CMPP, the CMPO output is VSS.
The CHGO signal is combined with CMPO and
32768Hz carrier if 32768Hz RTC oscillator is applied.
This comparator also can be disabled by options. When
the system enters halt mode, the comparator is disabled
to reduce power consumption. Once the comparator is
disabled, the CHGO and CMPO will stay at VSS level.
LCD Display Memory
The micro-controller provides an area of embedded
data memory for LCD driver. This area is located from
40H to 53H of he RAM Bank 1. Bank pointer (BP; lo-
cated at 04H of the RAM) is the switch between the gen-
eral purpose RAM and the LCD display memory. When
the BP is set to
²1², any data written into 40H~53H (indi-
rect accessing by using the MP1and R1) will effect the
LCD display. When the BP is cleared to
²0², any data
written into 40H to 53H will access the general purpose
data memory. The LCD display memory can be read
and written to only by indirect addressing mode using
MP1. When data is written into the display data area it is
automatically read by the LCD driver which then gener-
ates the corresponding LCD driving signals. To turn the
display on or off, an
²1² or a ²0² is written to the corre-
sponding bit of the display memory, respectively. The
figure illustrates the mapping between the display mem-
ory and LCD pattern for the micro-controller.
LCD Driver Output and Bias Circuit
The output number of the micro-controller LCD driver
can be 20
´3or19´4 by options (ie., 1/3 duty or 1/4
duty). The bias type of LCD driver is
²R² type, no exter-
nal capacitor is required. The LCD can be optioned as
²LCD on at HALT² or ²LCD off at HALT² which are de-
pendent on options.
The SEG7~SEG18 also can be optioned as logical out-
puts. Each group of SEG7~SEG10, SEG11~SEG14
and SEG15~SEG18 can be optioned individually. Once
an LCD segment is optioned as a logical output, the con-
tents of bit 0 of the related segment address in LCD
RAM will appear on the segment.
Memory
Segment Output
Bit 0=0
Bit 0=1
VSS
VDD
Logical Output Function
4 0 H
C O M
0
S E G M E N T
4 1 H
4 2 H
4 3 H
5 1 H
5 2 H
5 3 H
B i t
0
1
2
3
0
1
2
3
1 5
1 6
1 7
1
2
3
A d d r
4 F H
5 0 H
1 8
1 9
Display Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com