Electronic Components Datasheet Search
  English  ▼

X  

PXAC241002FC-V1-R0 Datasheet(PDF) 2 Page - Cree, Inc

Part # PXAC241002FC-V1-R0
Description  Thermally-Enhanced High Power RF LDMOS FET 100 W, 28 V, 2300 ??2400 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

PXAC241002FC-V1-R0 Datasheet(HTML) 2 Page - Cree, Inc

  PXAC241002FC-V1-R0 Datasheet HTML 1Page - Cree, Inc PXAC241002FC-V1-R0 Datasheet HTML 2Page - Cree, Inc PXAC241002FC-V1-R0 Datasheet HTML 3Page - Cree, Inc PXAC241002FC-V1-R0 Datasheet HTML 4Page - Cree, Inc PXAC241002FC-V1-R0 Datasheet HTML 5Page - Cree, Inc PXAC241002FC-V1-R0 Datasheet HTML 6Page - Cree, Inc PXAC241002FC-V1-R0 Datasheet HTML 7Page - Cree, Inc PXAC241002FC-V1-R0 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PXAC241002FC
Rev. 02, 2018-10-04
4600 Silicon Drive | Durham, NC 27703 | www.wolfspeed.com
2
DC Characteristics
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VGS = 0 V, IDS = 10 mA
V(BR)DSS
65
—
—
V
Drain Leakage Current
VDS = 28 V, VGS = 0 V
IDSS
—
—
1
µA
VDS = 63 V, VGS = 0 V
IDSS
—
—
10
µA
Gate Leakagte Current
VGS = 10 V, VDS = 0 V
IGSS
—
—
1
µA
On-State Resistance
(Main)
VGS = 10 V, VDS = 0.1 V
RDS(on)
—
0.20
—
(Peak)
VGS = 10 V, VDS = 0.1 V
RDS(on)
—
0.15
—
Operating Gate Voltage
(Main)
VDS = 28 V, IDQ = 150 mA
VGS
—
2.7
—
V
(Peak)
VDS = 28 V, IDQ = 0 mA
VGS
—
1.5
—
V
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDSS
65
V
Gate-Source Voltage
VGS
–6 to +10
V
Junction Temperature
TJ
225
°C
Storage Temperature Range
TSTG
–65 to +150
°C
Thermal Characteristics
TCASE = 70°C, 15.8 W (CW), 28 V, = 240 mA IDQ, 1.5 V VGS(peak), 2350 MHz
Characteristic
Symbol
Value
Unit
Thermal Resistance
(Main)
RJC
1.7
°C/W
(Peak)
RJC
1.4
°C/W
Ordering Information
Type and Version
Order Code
Package
Shipping
PXAC241002FC V1 R0
PXAC241002FC-V1-R0
H-37248C-4, PP, earless
Tape & Reel, 50 pcs
PXAC241002FC V1 R2
PXAC241002FC-V1-R2
H-37248C-4, PP, earless
Tape & Reel, 250 pcs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com