Electronic Components Datasheet Search
  English  ▼

X  

M2D Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # M2D
Description  Cylindrical 8-dia. Indicator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M2D Datasheet(HTML) 5 Page - Omron Electronics LLC

  M2D Datasheet HTML 1Page - Omron Electronics LLC M2D Datasheet HTML 2Page - Omron Electronics LLC M2D Datasheet HTML 3Page - Omron Electronics LLC M2D Datasheet HTML 4Page - Omron Electronics LLC M2D Datasheet HTML 5Page - Omron Electronics LLC M2D Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
M2D
5
Dimensions
(Unit: mm)
Note: Unless specified, there is a tolerance of
±0.4 mm for dimensions.
Terminals
Panel Cutouts (Top View)
• If the panel is to be finished (e.g., coated), make sure that the panel meets
the specified dimensions after the coating.
Accessories, Replacements, and Tools
The accessories, replacements, and tools are also used with the A3D
Lighted Pushbutton Switch. Refer to the A3D datasheet.
Safety Precautions
Refer to Safety Precautions for all Pushbutton Switches and Safety Precautions for the A3D.
Rectangular Models (M2DJ-90A1-00E
@) Square Models (M2DA-90A1-00E@)
Round Models (M2DT-90A1-00E
@)
M8
× 0.75
5.8
9.5
6
18
0.8
0.3
5.5
24.5
9
7.4
14
12.4
M8
× 0.75
5.8
9.5
6
18
0.8
0.3
5.5
24.5
9
7.4
9
7.4
M8
× 0.75
5.8
9.5
6
18
0.8
0.3
5.5
24.5
9 dia
7.4 dia.
Type
Terminals
Indicator
Solder Terminals
Rectangular models (M2DJ)
Square models (M2DA) and
round models (M2DT)
Note: Recommended panel
thickness: 1.0 to 3.2 mm.
Note: Recommended panel
thickness: 1.0 to 3.2 mm.
0.8
t
=0.3
0.8
2
1.6
L
−
L
+
8
dia.
+0.2
0
10 min.
15 min.
10 min.
8
dia.
+0.2
0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com