Electronic Components Datasheet Search
  English  ▼

X  

M2PA Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # M2PA
Description  Large Rectangular-bodied Indicators
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M2PA Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button M2PA Datasheet HTML 3Page - Omron Electronics LLC M2PA Datasheet HTML 4Page - Omron Electronics LLC M2PA Datasheet HTML 5Page - Omron Electronics LLC M2PA Datasheet HTML 6Page - Omron Electronics LLC M2PA Datasheet HTML 7Page - Omron Electronics LLC M2PA Datasheet HTML 8Page - Omron Electronics LLC M2PA Datasheet HTML 9Page - Omron Electronics LLC M2PA Datasheet HTML 10Page - Omron Electronics LLC M2PA Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
M2P
7
Ordering Information
Ordering Individually .......Displays, Lamps, and Sockets can be ordered separately. Combinations that are not available as sets can be
created using individual Units. Also, store the parts as spares for maintenance and repairs.
LED-lighted Models (LED is built-in.)
Note: 1. A cap, legend plate (transparent), colored plate, white plunger case, and LED (with a current-limiting resistor) are built into the standard lighting unit.
2. Split-screen coloring configurations are given with the “
” mark on the Sockets facing down.
LED Lamp-lighted Models (LED is not built-in.)
* The following types of colored plates are included with Horizontal and Vertical 3-splitScreen Switches.
White: One colored plate for a 2-split screen and two colored plates for a 4-split screen.
Red, green, or orange: One colored plate for a 2-split screen and one colored plates for a 4-split screen.
Display
Appearance
Split-screen color
(color symbol)
White (W)
Red (R)
Green (G)
Orange (O)
Selection precautions
Rectangular
models
Single
screen
M2PJ-5701-
@@E M2PJ-5702-@@E M2PJ-5703-@@E M2PJ-5706-@@E
• Enter the voltage to be
used in the
@@ at the
end of the model
number.
Examples of voltage
used:
5 V= 0 5 E
12 V= 1 2 E
24 V= 2 4 E
Horizontal 2-split
screen models
support only 24V.
• For the color of the
shaded part, select the
model according to the
colors given at the top
of the table.
Horizontal
2- 2 split
screen
M2PJ-5711-
@@E M2PJ-5712-@@E M2PJ-5713-@@E M2PJ-5716-@@E
M2PJ-5721-
@@E M2PJ-5722-@@E M2PJ-5723-@@E M2PJ-5726-@@E
M2PJ-5731-
@@E M2PJ-5732-@@E M2PJ-5733-@@E M2PJ-5736-@@E
M2PJ-5741-
@@E M2PJ-5742-@@E M2PJ-5743-@@E M2PJ-5746-@@E
Square
models
Single
screen
M2PA-5701-
@@E M2PA-5702-@@E M2PA-5703-@@E M2PA-5706-@@E
Horizontal
2-split
screen
M2PA-5711-
@@E M2PA-5712-@@E M2PA-5713-@@E M2PA-5716-@@E
M2PA-5721-
@@E M2PA-5722-@@E M2PA-5723-@@E M2PA-5726-@@E
M2PA-5731-
@@E M2PA-5732-@@E M2PA-5733-@@E M2PA-5736-@@E
M2PA-5741-
@@E M2PA-5742-@@E M2PA-5743-@@E M2PA-5746-@@E
Model
Rectan-
gular
models
Square
models
Round
models
Selection precautions
Screen pattern
Screen
Model
Screen
Model
Screen
Model
Single screen
M2PJ-5021
M2PA-5021
M2PT-5021
• Colored plates (white, red, green, and orange), a legend
plate (transparent), and a light baffle (split-screen models
only) are included. Use the appropriate combination for
the LED coloring required.
• The number of white colored plates required to enable
colored illumination for the corresponding screen-split
configuration is included. (For example, 4-split screen
models include 4 white colored plates).
• The number of colored plates included for each model are
shown in the following table.
Horizontal 2-split
screen
M2PJ-5022
M2PA-5022
---
Vertical 2-split
screen
M2PJ-5023
---
---
Horizontal 3-split
screen
M2PJ-5024
---
---
Vertical 3-split
screen
M2PJ-5025
---
---
4-split screen
M2PJ-5026
---
---
White
Red
Green
Orange
White
Red
Green
Orange
Screen pattern
White
Red
Green
Orange
Single screen
1
1
1
1
Horizontal 2-split screen
Vertical 2-split screen
2
111
Horizontal 3-split screen
Vertical 3-split screen *
3
222
4-split screen
4
1
1
1
Ordering set combinations: Refer to pages 3 to 4.
■ Specifications: Refer to the A3P.
■ Dimensions: Refer to page 11. Accessories: Refer to the A3P.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com