Electronic Components Datasheet Search
  English  ▼

X  

MMK Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # MMK
Description  Mechanically Latching Relays Based on the MM Power Relay
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

MMK Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button MMK Datasheet HTML 2Page - Omron Electronics LLC MMK Datasheet HTML 3Page - Omron Electronics LLC MMK Datasheet HTML 4Page - Omron Electronics LLC MMK Datasheet HTML 5Page - Omron Electronics LLC MMK Datasheet HTML 6Page - Omron Electronics LLC MMK Datasheet HTML 7Page - Omron Electronics LLC MMK Datasheet HTML 8Page - Omron Electronics LLC MMK Datasheet HTML 9Page - Omron Electronics LLC MMK Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MMK
6
■ Characteristics
Note: 1. The data shown above are initial values.
2. The contact resistance was measured with 1 A at 5 VDC using the voltage drop method.
3. The set or reset time was measured with the rated voltage imposed with any contact bounce ignored at an ambient temperature of 23
°C.
4. The insulation resistance was measured with a 500-VDC megger applied to the same places as those used for checking the dielectric
strength.
5. The electrical endurance was measured at an ambient temperature of 23
°C.
6. This value was measured at a switching frequency of 60 operations per minute.
■ Characteristics (Conforming to Auxiliary Power Relay Specifications)
Note: 1. The data shown above are initial values.
2. The electrical endurance was measured at an ambient temperature of 23
°C.
3. This value was measured at a switching frequency of 60 operations per minute.
Item
Open or bifurcated-contact Relays
Contact resistance (see note 2)
50 m
Ω max.
Set time (see note 3)
AC: 30 ms max.; DC: 60 ms max. (minimum pulse width for AC and DC: 100 ms)
Reset time (see note 3)
30 ms max. (minimum pulse width for AC and DC: 100 ms)
Max. operating frequency
Mechanical:
1,800 operations/hr
Electrical:
1,800 operations/hr (under rated load)
Insulation resistance (see note 4)
100 M
Ω min. (at 500 VDC)
Dielectric strength
1,500 VAC, 50/60 Hz for 1 min between contacts of same polarity
2,000 VAC, 50/60 Hz for 1 min between contacts of different polarity, between contacts and coil, and
between set and reset coils
Vibration resistance
Destruction:
10 to 55 to 10 Hz, 0.375 mm single amplitude (0.75 mm double amplitude)
Malfunction:
10 to 35 to 10 Hz, 0.5 mm single amplitude (1.0 mm double amplitude)
Shock resistance
Destruction:
500 m/s2
Malfunction:
50 m/s2
Endurance
Mechanical:
2,500,000 operations min. (at 1,800 operations/hr)
Electrical:
500,000 operations min. (at 1,800 operations/hr under rated load) (see note 5)
Error rate (level P)
(Reference value)
(see note 6)
10 mA at 5 VDC
Ambient temperature
Operating: –10
°C to 55°C (with no icing or condensation)
Ambient humidity
Operating: 5% to 85%
Weight
Standard Relays
DC-switching Relays
MM2K:
Approx. 255 g
MM2XK:
Approx. 260 g
MM3K:
Approx. 390 g
MM2XK:
Approx. 395 g
MM4K:
Approx. 420 g
MM4XK:
Approx. 430 g
MM2KP:
Approx. 375 g
MM2XKP: Approx. 380 g
MM3KP:
Approx. 550 g
MM3XKP: Approx. 555 g
MM4KP:
Approx. 570 g
MM4XKP: Approx. 580 g
Vibration resistance
Destruction:
10 to 55 to 10 Hz, 0.375 mm single amplitude (0.75 mm double amplitude)
Malfunction:
10 to 22 to 10 Hz, 0.5 mm single amplitude (1.0 mm double amplitude)
Shock resistance
Destruction:
300 m/s2
Malfunction:
30 m/s2
Endurance
Mechanical:
2,500,000 operations min. (at 1,800 operations/hr)
Electrical:
500,000 operations min. (at 1,800 operations/hr under rated load) (see note 2)
Error rate (level P)
(Reference value)
(see note 3)
10 mA at 5 VDC
Ambient temperature
Operating:
–10
°C to 40°C (with no icing or condensation)
Ambient humidity
Operating:
5% to 85%
Weight
MM4KP-JD:
Approx. 570 g
MM4XKP-JD: Approx. 580 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com