Electronic Components Datasheet Search
  English  ▼

X  

IC41C16100AS Datasheet(PDF) 20 Page - Integrated Circuit Solution Inc

Part # IC41C16100AS
Description  1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC41C16100AS Datasheet(HTML) 20 Page - Integrated Circuit Solution Inc

Back Button IC41C16100AS Datasheet HTML 13Page - Integrated Circuit Solution Inc IC41C16100AS Datasheet HTML 14Page - Integrated Circuit Solution Inc IC41C16100AS Datasheet HTML 15Page - Integrated Circuit Solution Inc IC41C16100AS Datasheet HTML 16Page - Integrated Circuit Solution Inc IC41C16100AS Datasheet HTML 17Page - Integrated Circuit Solution Inc IC41C16100AS Datasheet HTML 18Page - Integrated Circuit Solution Inc IC41C16100AS Datasheet HTML 19Page - Integrated Circuit Solution Inc IC41C16100AS Datasheet HTML 20Page - Integrated Circuit Solution Inc IC41C16100AS Datasheet HTML 21Page - Integrated Circuit Solution Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
IC41C16100A/IC41C16100AS
IC41LV16100A/IC41LV16100AS
20
Integrated Circuit Solution Inc.
DR030-0A 09/28/2001
SELF REFRESH CYCLE (Addresses : WE and OE = DON'T CARE)
tRASS
tRP
tRPS
DQ
UCAS/LCAS
RAS
Open
tCP
VIH
VIL
VIH
VIL
VOH
VOL
tRPC
tCSR
tCHD
tRPC
tCP
Don’t Care
TIMING PARAMETERS
-50
-60
Symbol
Min.
Max.
Min.
Max.
Units
tCHD
8—
10
—
ns
tCP
10
—
10
—
ns
tCSR
5—
5
—
ns
tRASS
100
—
100
—
µs
tRP
30
—
40
—
ns
tRPS
84
—
104
—
ns
tRPC
5—
5
—
ns
ORDERING INFORMATION: 5V
Commercial Range: 0°C to 70°C
Speed (ns)
Order Part No.
Package
50
IC41C16100A-50K
400mil SOJ
IC41C16100A-50T
400mil TSOP-2
60
IC41C16100A-60K
400mil SOJ
IC41C16100A-60T
400mil TSOP-2
ORDERING INFORMATION: 5V
Commercial Range: 0°C to 70°C
Speed (ns)
Order Part No.
Package
50
IC41C16100AS-50K
400mil SOJ
IC41C16100AS-50T
400mil TSOP-2
60
IC41C16100AS-60K
400mil SOJ
IC41C16100AS-60T
400mil TSOP-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com