Electronic Components Datasheet Search
  English  ▼

X  

LE25S20FD Datasheet(PDF) 1 Page - ON Semiconductor

Part # LE25S20FD
Description  Serial Flash Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LE25S20FD Datasheet(HTML) 1 Page - ON Semiconductor

  LE25S20FD Datasheet HTML 1Page - ON Semiconductor LE25S20FD Datasheet HTML 2Page - ON Semiconductor LE25S20FD Datasheet HTML 3Page - ON Semiconductor LE25S20FD Datasheet HTML 4Page - ON Semiconductor LE25S20FD Datasheet HTML 5Page - ON Semiconductor LE25S20FD Datasheet HTML 6Page - ON Semiconductor LE25S20FD Datasheet HTML 7Page - ON Semiconductor LE25S20FD Datasheet HTML 8Page - ON Semiconductor LE25S20FD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
© Semiconductor Components Industries, LLC, 2017
1
Publication Order Number :
February 2017 - Rev. 0
LE25S20FD/D
ORDERING INFORMATION
See detailed ordering and shipping information on page 22 of this data sheet.
www.onsemi.com
* This product is licensed from Silicon Storage Technology, Inc. (USA).
LE25S20FD
Serial Flash Memory
2 Mb (256K x 8)
Overview
The LE25S20FD is a SPI bus flash memory device with a 2M bit (256K
 8-
bit) configuration. It uses a single 1.8 V power supply. While making the
most of the features inherent to a serial flash memory device, the
LE25S20FD is housed in an 8-pin ultra-miniature package. All these features
make this device ideally suited to storing program in applications such as
portable information devices, which are required to have increasingly more
compact dimensions. The LE25S20FD also has a small sector erase
capability which makes the device ideal for storing parameters or data that
have fewer rewrite cycles and conventional EEPROMs cannot handle due to
insufficient capacity.
Features
 Read/write operations enabled by single 1.8 V power supply :
1.65 to 1.95 V supply voltage range
 Operating frequency
: 40 MHz
 Temperature range
:
40 to 85C
 Serial interface
: SPI mode 0, mode 3 supported
 Sector size
: 4K bytes/small sector, 64K bytes/sector
 Small sector erase, sector erase, chip erase functions
 Page program function (256 bytes/page)
 Block protect function
 Highly reliable read/write
Number of rewrite times : 100,000 times
Small sector erase time : 40 ms (typ), 150 ms (max)
Sector erase time
: 80 ms (typ), 250 ms (max)
Chip erase time
: 300 ms (typ), 3.0 s (max)
Page program time
: 3.0 ms / 256 bytes (typ), 3.5 ms/256 bytes (max)
 Status functions
: Ready / busy information, protect information
 Data retention period
: 20 years
 Package
: VSOIC8 NB
VSOIC8 NB


Similar Part No. - LE25S20FD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LE25S20FD ONSEMI-LE25S20FD Datasheet
148Kb / 22P
Serial Flash Memory
October 2014 - Rev. P0
More results

Similar Description - LE25S20FD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2094 ONSEMI-ENA2094 Datasheet
157Kb / 23P
Serial Flash Memory
July, 2013
ENA2096 ONSEMI-ENA2096 Datasheet
149Kb / 22P
Serial Flash Memory
July, 2013
ENA2098 ONSEMI-ENA2098 Datasheet
157Kb / 23P
Serial Flash Memory
July, 2013
LE25S20MB ONSEMI-LE25S20MB Datasheet
141Kb / 22P
Serial Flash Memory
October 2014 - Rev. P0
LE25U20AFD ONSEMI-LE25U20AFD Datasheet
141Kb / 21P
Serial Flash Memory
October 2014 - Rev. P0
LE25U20AQG ONSEMI-LE25U20AQG Datasheet
182Kb / 21P
Serial Flash Memory
October 2014 - Rev. 1
LE25W81QE ONSEMI-LE25W81QE Datasheet
136Kb / 21P
Serial Flash Memory
November 2014 - Rev. P0
LE25S40FD ONSEMI-LE25S40FD Datasheet
147Kb / 22P
Serial Flash Memory
November 2014 - Rev. P0
LE25S20XA ONSEMI-LE25S20XA Datasheet
219Kb / 24P
Serial Flash Memory
June 2016 - Rev. 0
LE25U40CMC ONSEMI-LE25U40CMC Datasheet
151Kb / 24P
Serial Flash Memory
February 2016 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com