Electronic Components Datasheet Search
  English  ▼

X  

IRL5NJ024 Datasheet(PDF) 1 Page - International Rectifier

Part # IRL5NJ024
Description  LOGIC LEVEL HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL5NJ024 Datasheet(HTML) 1 Page - International Rectifier

  IRL5NJ024 Datasheet HTML 1Page - International Rectifier IRL5NJ024 Datasheet HTML 2Page - International Rectifier IRL5NJ024 Datasheet HTML 3Page - International Rectifier IRL5NJ024 Datasheet HTML 4Page - International Rectifier IRL5NJ024 Datasheet HTML 5Page - International Rectifier IRL5NJ024 Datasheet HTML 6Page - International Rectifier IRL5NJ024 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
17
ID @ VGS = 10V, TC = 100°C Continuous Drain Current
11
IDM
Pulsed Drain Current ➀
68
PD @ TC = 25°C
Max. Power Dissipation
35
W
Linear Derating Factor
0.28
W/°C
VGS
Gate-to-Source Voltage
±16
V
EAS
Single Pulse Avalanche Energy ➁
56
mJ
IAR
Avalanche Current ➀
11
A
EAR
Repetitive Avalanche Energy ➀
3.5
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
4.3
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Package Mounting Surface Temperature
300 (for 5 s)
Weight
2.6
g
Fifth Generation HEXFET®
power MOSFETs from
International Rectifier utilize advanced processing
techniques to achieve the lowest possible on-resistance
per silicon unit area. This benefit, combined with the
fast switching speed and ruggedized device design
that HEXFET power MOSFETs are well known for,
provides the designer with an extremely efficient device
for use in a wide variety of applications.
These devices are well-suited for applications such
as switching power supplies, motor controls, invert-
ers, choppers, audio amplifiers and high-energy pulse
circuits.
oC
A
LOGIC LEVEL
IRL5NJ024
HEXFET® POWER MOSFET
SURFACE MOUNT (SMD-0.5)
7/13/01
www.irf.com
1
55V, N-CHANNEL
SMD-0.5
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRL5NJ024
55V
0.06
Ω
17A
Features:
n Logic Level Gate Drive
n Low RDS(on)
n Avalanche Energy Ratings
n Dynamic dv/dt Rating
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Surface Mount
n Light Weight
For footnotes refer to the last page
PD - 93955A


Similar Part No. - IRL5NJ024

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL5NJ024 IRF-IRL5NJ024 Datasheet
117Kb / 7P
Simple Drive Requirements
IRL5NJ024 IRF-IRL5NJ024_15 Datasheet
117Kb / 7P
Simple Drive Requirements
More results

Similar Description - IRL5NJ024

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL5NJ7404 IRF-IRL5NJ7404 Datasheet
116Kb / 7P
HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5) 20V, P-CHANNEL
IRF7NJZ44V IRF-IRF7NJZ44V Datasheet
115Kb / 7P
HEXFET-R POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRL7NJ3802 IRF-IRL7NJ3802 Datasheet
125Kb / 7P
HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRL5NJ7413 IRF-IRL5NJ7413 Datasheet
165Kb / 7P
HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5) 30V, N-CHANNEL
IRF5NJZ34 IRF-IRF5NJZ34 Datasheet
113Kb / 7P
HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRF7N1405 IRF-IRF7N1405_07 Datasheet
196Kb / 7P
HEXFET POWER MOSFET SURFACE MOUNT (SMD-1)
IRHLNJ77034 IRF-IRHLNJ77034 Datasheet
202Kb / 9P
RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRHLNJ797034 IRF-IRHLNJ797034 Datasheet
209Kb / 9P
RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRF5NJZ48SCV IRF-IRF5NJZ48SCV Datasheet
118Kb / 7P
HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
IRF5NJ5305SCX IRF-IRF5NJ5305SCX Datasheet
120Kb / 7P
HEXFET POWER MOSFET SURFACE MOUNT (SMD-0.5)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com