Electronic Components Datasheet Search
  English  ▼

X  

IS482 Datasheet(PDF) 3 Page - Sharp Corporation

Part # IS482
Description  Low Voltage Operating and High Sensitivity Type OPIC Light Detectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS482 Datasheet(HTML) 3 Page - Sharp Corporation

  IS482 Datasheet HTML 1Page - Sharp Corporation IS482 Datasheet HTML 2Page - Sharp Corporation IS482 Datasheet HTML 3Page - Sharp Corporation IS482 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
0
025
100
50
75 85
85
75
50
100
25
0
0
-25
-25
Ambient temperature Ta (˚C)
Ambient temperature Ta (˚C)
IS481/IS482
2
6
8
10
12
14
1.6
16
20
40
60
80
100
120
Fig. 1 Output Current vs. Ambient
Temperature
Fig. 2 Output Power Dissipation vs.
Ambient Temperature
Fig. 4 Low Level Output Voltage vs.
Ambient Temperature
Fig. 5 Supply Current vs. Ambient
Temperature
Load resistance R L (k
Ω)
Ambient temperature Ta (˚C)
Fig. 3 Low Level Output Voltage vs.
Low Level Output Current
Fig. 6 Rise, Fall Time vs. Load Resistance
0.1
0
0.5
1
1.5
2
2.5
3
0.2
0.5
1
2
5
10
20
50 100
Ta=25˚C Vcc=5V
Ev=50 lx or
equivalent
tr
tr
-25
0
25
50
75
100
0
0.2
0.4
0.6
Vcc=5V Ta=25 ˚C
Ev=50 lx
Ev=0
IOL=8mA
IOL=4mA
(IS481)
(IS482)
Ambient temperature Ta (˚C)
VCC=8V
VCC=5V ICCL
ICCH
VCC=8V
VCC=5V
-25
0
0.5
1
1.5
2
025
50
75
100
Low level output current I OL (mA)
0.1
0.01
0.1
1
1
10
Vcc=5V Ta=25˚C
Ev=50 lx
Ev=0
(IS481)
(IS482)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com