Electronic Components Datasheet Search
  English  ▼

X  

HM41 Datasheet(PDF) 1 Page - TT Electronics.

Part # HM41
Description  Toroid Style Gate Drive Transformers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HM41 Datasheet(HTML) 1 Page - TT Electronics.

  HM41 Datasheet HTML 1Page - TT Electronics. HM41 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Toroid Style Gate Drive
Transformers
Model HM41 Series
Magnetics
Features
OperatingTemperatureRange-25°Cto+85°C
InsulationResistance,Minimum100MΩ
TemperatureRise,Maximum40°C
CurrentRating0.3Amps
RoHSCompliant
Specifications@25°C
Packaging
Schematic
Part
Number
Turns
± 0
N1:N2:N3
Inductance
10kHz, 50mV
P(1-6)
mH Min.
Leakage(1)
Inductance
P(3-4)
μH Max.
DC Resistance
ET
P(1-6)
V-μS Max.
Isolation(2)
Schematic
P(1-6)
Ω Max.
P(3-4)
Ω Max.
N3-N1/N2
Vrms
N1-N2
Vrms
HM41-10812LF
8:8:12
0.14
0.5
0.060
0.097
52
4200
500
1
HM41-21010LF
10:10
0.22
0.5
0.072
0.074
65
-
4200
2
HM41-11010LF
10:10:10
0.22
0.5
0.072
0.074
65
4200
500
1
HM41-11210LF
12:12:10
0.31
0.5
0.077
0.074
78
4200
500
1
HM41-11410LF
14:14:10
0.42
0.5
0.090
0.074
91
4200
500
1
HM41-21015LF
10:15
0.22
0.5
0.072
0.100
65
-
4200
2
HM41-11510LF
15:15:10
0.47
0.5
0.100
0.074
98
4200
500
1
HM41-12010LF
20:20:10
0.83
0.5
0.138
0.074
130
4200
500
1
HM41-12020LF
20:20:20
0.83
0.5
0.156
0.156
130
4200
500
1
Standard:
Vacuum Tray
Model
Capacity Per Tray
(Units)
Capacity Per Tray
(Units)
HM41-1XXXXLF
90
360
HM41-2XXXXLF
90
360
Schematic 1
(HM41-1XXXXLF)
Schematic 2
(HM41-2XXXXLF)
GeneralNote
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
Rev.02 7.17
BI Technologies
A-1445, Jalan Tanjung Api
25050 Kuantan
Pahang Darul Makmur
Malaysia
Ph: +60 9 565 8888 Fax: +60 9 514 3555
http://www.ttelectronics.com/magnetics/customer-service-enquiry


Similar Part No. - HM41

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM41 BITECH-HM41 Datasheet
406Kb / 2P
Toroid Style Gate Drive Transformers
logo
Vaisala
HM41 VAISALA-HM41 Datasheet
1Mb / 4P
HUMICAPâ Handheld Humidity and Temperature Meter Series
logo
Bi technologies
HM41-10812LF BITECH-HM41-10812LF Datasheet
406Kb / 2P
Toroid Style Gate Drive Transformers
HM41-10812LF BITECH-HM41-10812LF Datasheet
289Kb / 2P
Toroid Style Gate Drive Transformers
HM41-11010LF BITECH-HM41-11010LF Datasheet
406Kb / 2P
Toroid Style Gate Drive Transformers
More results

Similar Description - HM41

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM41 BITECH-HM41 Datasheet
406Kb / 2P
Toroid Style Gate Drive Transformers
logo
Datatronic Distribution...
SM580-1 DATATRONICS-SM580-1 Datasheet
115Kb / 1P
SMD GATE DRIVE TRANSFORMERS
logo
Premier Magnetics, Inc.
PMGD-02 PMI-PMGD-02 Datasheet
117Kb / 3P
GATE DRIVE & BASE DRIVE TRANSFORMERS
logo
Pulse A Technitrol Comp...
PE-68386T PULSE-PE-68386T Datasheet
1Mb / 5P
SMT Gate Drive Transformers
PA0297NLT PULSE-PA0297NLT Datasheet
140Kb / 2P
SMT GATE DRIVE TRANSFORMERS
PA0184 PULSE-PA0184 Datasheet
1Mb / 5P
SMT Gate Drive Transformers
logo
Bi technologies
HM42 BITECH-HM42_15 Datasheet
312Kb / 2P
Gate Drive Transformers
HM41 BITECH-HM41_15 Datasheet
289Kb / 2P
Toroid Style Gate Drive Transformers
logo
TT Electronics.
HM42 TTELEC-HM42 Datasheet
770Kb / 2P
Gate Drive Transformers
logo
Vishay Siliconix
UGDT VISHAY-UGDT Datasheet
92Kb / 3P
Micro Gate Drive Transformers
27-Oct-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com