Electronic Components Datasheet Search
  English  ▼

X  

LM2751 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2751
Description  Regulated 2X, 1.5X Switched Capacitor White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2751 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2751 Datasheet HTML 1Page - National Semiconductor (TI) LM2751 Datasheet HTML 2Page - National Semiconductor (TI) LM2751 Datasheet HTML 3Page - National Semiconductor (TI) LM2751 Datasheet HTML 4Page - National Semiconductor (TI) LM2751 Datasheet HTML 5Page - National Semiconductor (TI) LM2751 Datasheet HTML 6Page - National Semiconductor (TI) LM2751 Datasheet HTML 7Page - National Semiconductor (TI) LM2751 Datasheet HTML 8Page - National Semiconductor (TI) LM2751 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Connection Diagram
10-pin Leadless Leadframe Package (LLP-10) No Pullback
3mm x 3mm x 0.8mm
NS Package Number SDA10A
20112102
Pin Descriptions
Pin #
Name
Description
1V
OUT
Pre-Regulated Output.
2C
1+
Flying Capacitor C1 Connection.
3V
IN
Input Supply Range: 2.8V to 5.5V.
4
CS0
Frequency Select Input 0.
5
CS1
Frequency Select Input 1.
6
EN
Enable Pin Logic Input.
7C
2−
Flying Capacitor C2 Connection.
8
GND
Ground.
9C
1−
Flying Capacitor C1 Connection.
10
C
2+
Flying Capacitor C2 Connection.
Ordering Information
Version
Voltage Option
Order Number
Package Marking
Supplied As Tape and
Reel
A
5.0V
LM2751SD-A
XXXXX
YYYYY = L145B
1000 Units
A
5.0V
LM2751SDX-A
4500 Units
B
4.5V
LM2751SD-B
XXXXX
YYYYY = L146B
1000 Units
B
4.5V
LM2751SDX-B
4500 Units
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com