Electronic Components Datasheet Search
  English  ▼

X  

USRB01A Datasheet(PDF) 3 Page - Unisonic Technologies

Part # USRB01A
Description  HIGH PRECISION CC/CV PRIMARY SIDE SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USRB01A Datasheet(HTML) 3 Page - Unisonic Technologies

  USRB01A Datasheet HTML 1Page - Unisonic Technologies USRB01A Datasheet HTML 2Page - Unisonic Technologies USRB01A Datasheet HTML 3Page - Unisonic Technologies USRB01A Datasheet HTML 4Page - Unisonic Technologies USRB01A Datasheet HTML 5Page - Unisonic Technologies USRB01A Datasheet HTML 6Page - Unisonic Technologies USRB01A Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
USRB01A
Preliminary
`
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
Ver.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
VDD Voltage
VDD
-0.3 ~ 30
V
VC Voltage
VVC
-0.3 ~ 7
V
C Voltage
VC
-0.3 ~ 700
V
CS Input Voltage
VCS
-0.3 ~ 7
V
FB Input Voltage
VFB
-0.3 ~ 7
V
Junction Temperature
TJ
-40 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJC
150
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C, VDD=15V, if not otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Supply Voltage (VDD) Section
Start up Current
IST
VDD=11V
1
3
μA
Static Current
IOP
VDD=15V
300
400
μA
Turn-off Threshold Voltage
VTH(OFF)
6.0
6.8
7.6
V
Turn-on Threshold Voltage
VTH (ON)
11.5
12.5
13.5
V
VDD Over Protect Voltage
VDD_OVP
25
27
29
V
Operating Voltage
25
V
Current Sense Input Section
LEB Time
TLEB
2.5
μS
Over Current Threshold
VCS
470
500
520
mV
OCP Propagation Delay
TD_OC
From OCP Comparator to Base
Drive
200
nS
FB Input Section
Reference Voltage for Feedback
Threshold
VFB
1.98
2.00
2.02
V
Maximum Cable Compensation
Current
Icable
35
μA
Power BJT Section
Collector-emitter breakdown voltage
VCEO
IC=10mA, IB=0
450
V
Collect Peak Current
IC
0.6
A
Collector-Base Breakdown Voltage
VCBO
IC=10mA
700
V
On Chip Over Temperature Section
Over Temperature Protection
T_otp
150
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com