Electronic Components Datasheet Search
  English  ▼

X  

UT3227 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT3227
Description  POWER SUPPLY DRIVER/RECEIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3227 Datasheet(HTML) 2 Page - Unisonic Technologies

  UT3227 Datasheet HTML 1Page - Unisonic Technologies UT3227 Datasheet HTML 2Page - Unisonic Technologies UT3227 Datasheet HTML 3Page - Unisonic Technologies UT3227 Datasheet HTML 4Page - Unisonic Technologies UT3227 Datasheet HTML 5Page - Unisonic Technologies UT3227 Datasheet HTML 6Page - Unisonic Technologies UT3227 Datasheet HTML 7Page - Unisonic Technologies UT3227 Datasheet HTML 8Page - Unisonic Technologies UT3227 Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
UT3227
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 9
www.unisonic.com.tw
QW-R103-146.a
MARKING
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
READY
Ready to Transmit Output, Active High. READY is enabled high when V- goes
below -4V and the device is ready to transmit.
2
C1+
Positive terminal of the voltage doubler charge-pump capacitor.
3
V+
+5.5V generated by the charge pump.
4
C1-
Negative terminal of the voltage doubler charge-pump capacitor.
5
C2+
Positive terminal of inverting charge-pump capacitor.
6
C2-
Negative terminal of inverting charge-pump capacitor.
7
V-
-5.5V generated by the charge pump.
8
R1IN
RS-232 Receiver Input.
9
R1OUT
TTL/CMOS Receiver Output.
10
INVALID
Output of the valid signal detector. Indicates if a valid RS-232 level is present on
receiver inputs logic “1”.
11
T1IN
TTL/CMOS Transmitter Input.
12
FORCEON
Drive high to override automatic circuitry keeping transmitters on ( FORCEOFF must
be high) (Table 2).
13
T1OUT
RS-232 Transmitter Output.
14
GND
Ground.
15
VCC
+3.0V ~ +5.5V Supply Voltage.
16
FORCEOFF
Drive low to shut down transmitters and on-board power supply. This over-rides all
automatic circuitry and FORCEON (Table 2).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com