Electronic Components Datasheet Search
  English  ▼

X  

OHN3019U Datasheet(PDF) 2 Page - TT Electronics.

Part # OHN3019U
Description  Hallogic Hall-Effect Sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OHN3019U Datasheet(HTML) 2 Page - TT Electronics.

  OHN3019U Datasheet HTML 1Page - TT Electronics. OHN3019U Datasheet HTML 2Page - TT Electronics. OHN3019U Datasheet HTML 3Page - TT Electronics. OHN3019U Datasheet HTML 4Page - TT Electronics. OHN3019U Datasheet HTML 5Page - TT Electronics. OHN3019U Datasheet HTML 6Page - TT Electronics. OHN3019U Datasheet HTML 7Page - TT Electronics. OHN3019U Datasheet HTML 8Page - TT Electronics. OHN3019U Datasheet HTML 9Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Hallogic Hall-Effect Sensors
© TT electronics plc
Issue B
11/2016
Page 2
TT Electronics | Optek Technology, Inc.
1645 Wallace Drive, Ste. 130, Carrollton, TX USA 75006 |Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Electrical Specifications
Absolute Maximum Ratings (TA=25°C unless otherwise noted)
Supply Voltage, Vcc
25 V
Storage Temperature Range, TS
-65°C to +160°C
Operating Temperature Range, TA
OHN30_ _U
OHS30_ _U
OH090/180/360U
-20°C to +85°C
-40°C to +125°C
-40°C to +150°C
Lead Soldering Temperature (1/8 in. (3.2 mm) from case for 5 sec. with soldering iron)
260°C
(1)
Output ON Current, ISINK
25 mA
Output OFF Voltage, VOUT
25 V
Magnetic Flux Density, B
Unlimited
Electrical Characteristics (Vcc = 4.5 V to 24 V, TA = 25° C unless otherwise noted)
OH090U
Uni-Polar
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
BOP
Magnetic Operate Point
(1)
0
90
180
Gauss
BRP
Magnetic Release Point
-100
65
100
Gauss
BH
Magnetic Hysteresis
10
25
100
Gauss
Icc
Supply Current
-
6
9
mA
Vcc = 24 V, Output Off
VOL
Output Saturation Voltage
-
100
300
mV
Vcc = 4.5 V, IOL = 20 mA, B ≥ 180 Gauss
IOH
Output Leakage Current
-
0.5
10.0
µA
Vcc = 24 V, VOUT = 24 V, B ≤ -100 Gauss
tr
Output Rise Time
-
0.21
1.00
µs
RL = 820 Ω, CL = 20 pF, Vcc = 14 V
tf
Output Fall Time
-
0.10
1.00
µs
OH180U
Uni-Polar
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
BOP
Magnetic Operate Point
(1)
70
180
290
Gauss
BRP
Magnetic Release Point
0
140
230
Gauss
BH
Magnetic Hysteresis
20
40
120
Gauss
Icc
Supply Current
-
6
9
mA
Vcc = 24 V, Output Off
VOL
Output Saturation Voltage
-
100
300
mV
Vcc = 4.5 V, IOL = 20 mA, B ≥ 290 Gauss
IOH
Output Leakage Current
-
0.5
10.0
µA
Vcc = 24 V, VOUT = 24 V, B ≤ 0 Gauss
tr
Output Rise Time
-
0.21
1.00
µs
RL = 820 Ω, CL = 20 pF, Vcc = 14 V
tf
Output Fall Time
-
0.10
1.00
µs
Notes:
(1) South pole facing symbolized surface.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com