Electronic Components Datasheet Search
  English  ▼

X  

OPB720 Datasheet(PDF) 2 Page - TT Electronics.

Part # OPB720
Description  Long Distance Reflective Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB720 Datasheet(HTML) 2 Page - TT Electronics.

  OPB720 Datasheet HTML 1Page - TT Electronics. OPB720 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Optek Technology
OPTEK Technology Inc.— 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (800) 341-4747 FAX: (972) 323– 2396 sensors@optekinc.com www.optekinc.com
Issue B
01.05
Page 2 of 2
Absolute Maximum Ratings (TA = 25°C unless otherwise noted)
Storage Temperature
-40° C to +80° C
Lead Soldering Temperature (1/16” (1.6mm) from case for 5 seconds with soldering iron)
260
° C (1)
Operating Temperature
-20° C to +60° C
Absolute Maximum Ratings (TA = 25°C unless otherwise noted)
Supply Voltage (Vcc)
10 to 30 Volts
Power Dissipation
300 mW
Collector DC Current (Sink)
50 mA
Maximum Collector Voltage
30 Volts
Notes:
(1)
RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
Electrical Characteristics (TA = 25°C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
VOL
Low Level Output voltage
-
-
0.8
Volts
Vcc=10V, RL=10K, D=8”
Surface White Diffuse Paper
EK E152-7798
VOH
High Level Output
5.0
-
-
Volts
Vcc=10V, RL=10K, No Target
Long Distance Reflective Switch
OPB720
Pr
eli
mi
na
ry



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com