Electronic Components Datasheet Search
  English  ▼

X  

OPF370 Datasheet(PDF) 2 Page - TT Electronics.

Part # OPF370
Description  Fiber Optic Transmitter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPF370 Datasheet(HTML) 2 Page - TT Electronics.

  OPF370 Datasheet HTML 1Page - TT Electronics. OPF370 Datasheet HTML 2Page - TT Electronics. OPF370 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Fiber Optic Transmitter
OPF370 Series
OPTEK Technology Inc.—
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (800) 341-4747 FAX: (972) 323– 2396 sensors@optekinc.com www.optekinc.com
Issue B
8/2011
Page 2 of 3
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Electrical/Optical Characteristics (T
A = 25°C unless otherwise noted)
Absolute Maximum Ratings
TA = 25
o C unless otherwise noted
Storage Temperature Range
-55° C to +115° C
Operating Temperature Range
-40° C to +100° C
Lead Soldering Temperature(1)
260° C
Continuous Forward Current(2)
100 mA
Maximum Reverse Voltage
1.0 V
Notes:
1.
Maximum of 5 seconds with soldering iron. Duration can be extended to 10 seconds when flow soldering. RMA flux is recommended.
2.
De-rate linearly at 1.0mA /
°C above 25°C .
3.
The component must be actively aligned into the mating fiber cable assembly to achieve optimal performance.
4.
No Pre-bias.
5.
All Optek fiber optic LED products are subjected to 100% burn-in as part of its quality control process. The burn-in conditions are 96
hours at 100mA drive current and 25
°C ambient temperature.
SYMBOL
PARAMETER
DOT
MIN
TYP
MAX
UNITS
CONDITIONS
PT50
(3)
Total Coupled Power
OPF370A
Red
25.0
29.0
IF = 100 mA
OPF370B
Yellow
15.0
19.0
50/125 mm Fiber NA = 0.20
OPF370C
Blue
10.0
12.5
OPF370D
None
5.0
7.5
VF
Forward Voltage
1.8
2.2
V
IF = 100 mA
VR
Reverse Voltage
1.8
V
IR = 100 µA
λ
Wavelength
830
850
870
nm
IF = 50 mA
Δλ
Optical Bandwidth
35
nm
IF = 50 mA
tr,tf
Rise and Fall Time
6.0
10.0
ns
IF = 100 mA; 10% to 90%
(4)
µW
-40°C
80°C
Temperatures are Stepped
in 20
°C increments.
0
20
40
60
80
100
0
0.2
1.2
0.4
0.6
0.8
1.0
1.4
Relative Coupled Power vs.
Forward Current
Forward Current (mA)
-40°C
80°C
Temperatures are Stepped
in 20
°C increments.
0
20
40
60
80
100
1.2
1.3
1.8
1.4
1.5
1.6
1.7
2.0
Typical Forward Voltage vs.
Forward Current
Forward Current (mA)
1.9



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com