Electronic Components Datasheet Search
  English  ▼

X  

OPF342C Datasheet(PDF) 2 Page - TT Electronics.

Part # OPF342C
Description  Fiber Optic Transmitter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPF342C Datasheet(HTML) 2 Page - TT Electronics.

  OPF342C Datasheet HTML 1Page - TT Electronics. OPF342C Datasheet HTML 2Page - TT Electronics. OPF342C Datasheet HTML 3Page - TT Electronics. OPF342C Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Fiber Optic Transmitter
OPF342 Family
Issue C
08/2016
Page 2
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage Temperature Range
-55° C to +150° C
Opera ng Temperature Range
-40° C to +125° C
Lead Soldering Temperature
(1)
260° C
Con nuous Forward Current
(2)
100 mA
Maximum Reverse Voltage
1.0 V
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
POC
Total Coupled Power
50/125 mm Fiber, NA = 0.20
OPF342A 20.0
25.0
µW
IF = 100 mA
OPF342B 15.0
18.0
OPF342C 10.0
12.5
OPF342D
5.0
7.5
VF
Forward Voltage
1.8
2.2
V
IF = 100 mA
VR
Reverse Voltage
1.8
V
IR = 100 µA
λ
Wavelength
830
850
870
nm
IF = 50 mA
Δλ
Op cal Bandwidth
45
60
nm
IF = 50 mA
tr,tf
4.5
6.0
ns
IF = 100 mA; 10% to 90%
(3)
Rise and Fall Time
Notes:
1.
Maximum of 5 seconds with soldering iron. Dura on can be extended to 10 seconds when flow soldering. RMA flux is
recommended.
2.
De-rate linearly at 0.64mA /°C above 25°C .
3.
No Pre-bias.
4.
All Optek fiber op c LED products are subjected to 100% burn-in as part of its quality control process. The burn-in condi-
ons are 96 hours at 100mA drive current and 25°C ambient temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com