Electronic Components Datasheet Search
  English  ▼

X  

OPF472 Datasheet(PDF) 2 Page - TT Electronics.

Part # OPF472
Description  Fiber Optic Detector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPF472 Datasheet(HTML) 2 Page - TT Electronics.

  OPF472 Datasheet HTML 1Page - TT Electronics. OPF472 Datasheet HTML 2Page - TT Electronics. OPF472 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Fiber Optic Detector
OPF472
Issue D
07/2018
Page 2
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage Temperature Range
-55° C to +100° C
Operating Temperature Range
-40° C to +85° C
Lead Soldering Temperature
(1)
260° C
Continuous Power Dissipation
(2)
200 mW
Maximum Reverse Voltage
100 VDC
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
R
Responsivity
0.45
0.55
A/W
VR = 5.0V; 50/125µm fiber; = 850nm
ID
Dark Current
0.1
5.0
nA
VR = 5.0V
p
Peak Response Wavelength
905
nm
tr
Output Rise Time
6.0
ns
VR = 15V; RL = 50Ω , 10%-90%
CT
Total Capacitance
3.0
pF
VR = 20V
Notes:
1.
Maximum of 5 seconds with soldering iron. Duration can be extended to 10 seconds when flow soldering. RMA flux is recommended.
2.
De-rate linearly at 2.67mW/°C above 25°C .



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com