Electronic Components Datasheet Search
  English  ▼

X  

OPI126 Datasheet(PDF) 2 Page - TT Electronics.

Part # OPI126
Description  Photologic짰 Optically Coupled Isolator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPI126 Datasheet(HTML) 2 Page - TT Electronics.

  OPI126 Datasheet HTML 1Page - TT Electronics. OPI126 Datasheet HTML 2Page - TT Electronics. OPI126 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© TT electronics plc
Issue E.1
06/2016
Page 2
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
OPI125, OPI126, OPI128
TT Electronics | OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
sensors@ttelectronics.com | www.ttelectronics.com
Absolute Maximum Ratings (TA = 25
o C unless otherwise noted)
Storage Temperature
-55° C to +100° C
Operating Temperature
-55° C to +100° C
Supply Voltage, VCC (not to exceed 3 seconds)
+10 V
Input-to-Output Isolation Voltage
(1)(2)
± 15 kVDC
Lead Soldering Temperature (1/16” (1.6 mm) from case for 5 seconds with soldering iron)
(3)
260° C
Input Diode
Forward DC Current
25 mA
Reverse DC Voltage
2 V
Power Dissipation
(4)
200 mW
Output Photosensor
Output Photologic® Power Dissipation
(5)
120 mW
Duration of Output Short to VCC or Ground (OPI125, OPI127)
1.00 second
Duration of Output Short to VCC (OPI126, OPI128)
1.00 second
Voltage at Output Lead (OPI126, OPI128)
35 V
Notes:
(1)
Measured with input and output leads shorted.
(2)
UL recognition is for 3500 Vrms at 60Hz.
(3)
RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
(4)
Derate linearly 1.33 mW/° C above 25° C.
(5)
Derate linearly 3.40 mW/° C above 90° C.
OPI125 - Totem Pole Output
OPI126 - Open Collector Output
OPI128 - Inverted Open Collector Output
OPI127 - Inverted Totem Pole Output



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com