Electronic Components Datasheet Search
  English  ▼

X  

OPI153 Datasheet(PDF) 4 Page - TT Electronics.

Part # OPI153
Description  Optically Coupled Isolator / High Speed Optically Coupled Isolator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPI153 Datasheet(HTML) 4 Page - TT Electronics.

  OPI153 Datasheet HTML 1Page - TT Electronics. OPI153 Datasheet HTML 2Page - TT Electronics. OPI153 Datasheet HTML 3Page - TT Electronics. OPI153 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Optically Coupled Isolator /
High Speed Optically Coupled
Isolator
OPI150, OPI153, OPI155
Issue D
09/2016
Page 4
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Output Photosensor (OPI155)
IOH
High Level Output Current
OPI155
-
-
250
µA
VO = 18 V, IF = 0, VCC = Open
ICCH
High Level Supply Current
OPI155
-
-
6.5
mA
VCC = 5.25 V, IF = 0, VO = Open
ICCL
Low Level Supply Current
OPI155
-
-
10
mA
VCC = 5.25 V, IF = 10 mA, VO = 0
vOL
Low Level Output Voltage
OPI155
-
-
0.5
V
VCC = 5.25 V, IF = 10 mA, IO = 8 mA
Switching Characteristics (OPI155)
TPHL
Propagation Delay, High to Low
-
120
150
ns
TPLH
Propagation Delay, Low to High
-
70
100
VCC = 5 V, IF = 10 mA, RL = 360 Ω



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com