Electronic Components Datasheet Search
  English  ▼

X  

MAX9503 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9503
Description  DirectDrive Video Amplifier with Reconstruction Filter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9503 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9503 Datasheet HTML 1Page - Maxim Integrated Products MAX9503 Datasheet HTML 2Page - Maxim Integrated Products MAX9503 Datasheet HTML 3Page - Maxim Integrated Products MAX9503 Datasheet HTML 4Page - Maxim Integrated Products MAX9503 Datasheet HTML 5Page - Maxim Integrated Products MAX9503 Datasheet HTML 6Page - Maxim Integrated Products MAX9503 Datasheet HTML 7Page - Maxim Integrated Products MAX9503 Datasheet HTML 8Page - Maxim Integrated Products MAX9503 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX9503 filters and amplifies standard-definition
video signals. Maxim’s DirectDrive™ technology elimi-
nates large output-coupling capacitors and sets the
video black level to ground. The input of the MAX9503
can be directly connected to the output of a video
digital-to-analog converter (DAC). The MAX9503 pro-
vides a compact, integrated, and low-power solution.
An internal reconstruction filter smoothes the steps and
reduces the spikes on the video signal from the DAC.
The reconstruction filter typically has 3dB attenuation at
9MHz and 50dB attenuation at 27MHz, and ±1dB pass-
band flatness to 5.5MHz.
Maxim’s DirectDrive uses an integrated charge pump
and a linear regulator to create a clean negative power
supply to drive the sync below ground. The charge
pump injects so little noise into the video output that the
picture is visibly flawless.
The MAX9503 is available with +6dB (MAX9503G) and
+12dB (MAX9503M) gains. The device operates from a
2.7V to 3.6V single supply and features a 10nA low-
power shutdown mode.
The MAX9503 is offered in space-saving 16-pin QSOP
and 16-pin TQFN packages and is specified over the
-40°C to +85°C extended temperature range.
Applications
Digital Still Cameras
Mobile Phones/Smartphones
Security Cameras
Portable Media Players
Space-Constrained, Low-Power Portable
Devices
Features
♦ DC-Coupled Output
♦ Direct Connection to Video DAC
♦ Video Output Black Level Set to Ground
♦ Video Reconstruction Filter with 50dB
Attenuation at 27MHz
♦ Preset Gain
6dB (MAX9503G)
12dB (MAX9503M)
♦ 10nA Shutdown Supply Current
♦ 2.7V to 3.6V Single-Supply Operation
DirectDrive Video Amplifier with
Reconstruction Filter
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
0 TO 50mV
0V
-0.1V TO
+0.1V
MAX9503
AMP
LINEAR
REGULATOR
CHARGE
PUMP
BUFFER
VIDOUT
VIDIN
MAX9503G: 6dB
MAX9503M: 12dB
LOWPASS
FILTER
0V
19-3676; Rev 0; 5/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART*
PIN-
PACKAGE
PKG CODE
TOP MARK
MAX9503GEEE
16 QSOP
E16-4
—
MAX9503GETE
16 TQFN
T1633-4
ACU
MAX9503MEEE
16 QSOP
E16-4
—
MAX9503METE
16 TQFN
T1633-4
ACV
Functional Diagram/Typical Operating Circuit and Pin
Configurations appear at end of data sheet.
*All devices are specified over the -40°C to +85°C operating
temperature range.
Block Diagram


Similar Part No. - MAX9503

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX9503 AD-MAX9503 Datasheet
1Mb / 10P
2.5V Video Amplifier with Reconstruction Filter
Rev 2 5/14
More results

Similar Description - MAX9503

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7445 MAXIM-MAX7445 Datasheet
249Kb / 8P
4-Channel Video Reconstruction Filter
MAX9502 MAXIM-MAX9502 Datasheet
403Kb / 10P
2.5V Video Amplifier with Reconstruction Filter
Rev 0; 5/05
MAX9505 MAXIM-MAX9505 Datasheet
407Kb / 16P
DirectDrive Video Amplifier with Reconstruction Filter and Analog Switch
Rev 0; 5/05
MAX9507 MAXIM-MAX9507 Datasheet
465Kb / 29P
1.8V DirectDrive Video Filter Amplifier with Load Detection and Dual SPST Analog Switches
Rev 0; 11/07
MAX9516 MAXIM-MAX9516 Datasheet
308Kb / 15P
1.8V, Ultra-Low-Power, DirectDrive Video Filter Amplifier with Load Detect
Rev 0; 9/07
MAX9532 MAXIM-MAX9532 Datasheet
406Kb / 12P
DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 0; 2/09
MAX9532 MAXIM-MAX9532_11 Datasheet
407Kb / 13P
DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 2; 11/11
MAX7445 MAXIM-MAX7445_V01 Datasheet
208Kb / 8P
4-Channel Video Reconstruction Filter
19-2948; Rev 1; 10/05
MAX7449 MAXIM-MAX7449_V01 Datasheet
264Kb / 6P
3-Channel Video Reconstruction Filter for RGB Component Video
19-2990; Rev 1; 4/06
logo
Renesas Technology Corp
ISL59831 RENESAS-ISL59831 Datasheet
979Kb / 12P
Single Supply Video Driver with Reconstruction Filter and Charge Pump
Mar 29, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com