Electronic Components Datasheet Search
  English  ▼

X  

MAX9503GEEE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9503GEEE
Description  DirectDrive Video Amplifier with Reconstruction Filter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9503GEEE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9503GEEE Datasheet HTML 1Page - Maxim Integrated Products MAX9503GEEE Datasheet HTML 2Page - Maxim Integrated Products MAX9503GEEE Datasheet HTML 3Page - Maxim Integrated Products MAX9503GEEE Datasheet HTML 4Page - Maxim Integrated Products MAX9503GEEE Datasheet HTML 5Page - Maxim Integrated Products MAX9503GEEE Datasheet HTML 6Page - Maxim Integrated Products MAX9503GEEE Datasheet HTML 7Page - Maxim Integrated Products MAX9503GEEE Datasheet HTML 8Page - Maxim Integrated Products MAX9503GEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DirectDrive Video Amplifier with
Reconstruction Filter
4
_______________________________________________________________________________________
AC ELECTRICAL CHARACTERISTICS (continued)
(VDD = CPVDD = SHDN = 3.0V, SGND = GND = CPGND = 0V, C1 = C2 = C3 = C4 = 1µF, RBIAS = 100k
Ω, TA = TMIN to TMAX. RL =
150
Ω to SGND, unless otherwise noted. VVIDIN = 286mV (MAX9503G), VVIDIN = 143mV (MAX9503M). Typical values are at VDD =
CPVDD = SHDN = 3.0V, TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MAX9503G
64
Peak Signal-to-RMS Noise
SNR
100kHz to 5.5MHz
MAX9503M
58
dB
Enable Time
tON
VIDIN = 0.5V, VIDOUT settled to within 1%
of the final voltage
0.2
ms
Disable Time
tOFF
VIDIN = 0.5V, VIDOUT settled to below 1%
of the output voltage
0.1
ms
Note 1: All devices are 100% production tested at TA = +25°C. Specifications over temperature are guaranteed by design.
Note 2: Voltage gain (AV) is a two-point measurement in which the output voltage swing is divided by the input voltage swing.
Note 3: With an output load attached, this offset will directly contribute to quiescent current.
MAX9503G
SMALL-SIGNAL GAIN vs. FREQUENCY
FREQUENCY (MHz)
10
1
-70
-60
-50
-40
-30
-20
-10
0
10
20
-80
0.1
100
VVIDOUT = 100mVP-P
GAIN = 6dB
MAX9503M
SMALL-SIGNAL GAIN vs. FREQUENCY
FREQUENCY (MHz)
10
1
-70
-60
-50
-40
-30
-20
-10
0
10
20
-80
0.1
100
VVIDOUT = 100mVP-P
GAIN = 12dB
MAX9503G SMALL-SIGNAL
GAIN FLATNESS vs. FREQUENCY
FREQUENCY (MHz)
1
4
5
6
7
8
3
0.1
10
VVIDOUT = 100mVP-P
GAIN = 6dB
Typical Operating Characteristics
(VDD = CPVDD = SHDN = 3.0V, SGND = GND = CPGND = 0V, no load, C1 = C2 = C3 = C4 = 1µF, RBIAS = 100k
Ω, TA = TMIN to
TMAX. RIN = 150
Ω to SGND, unless otherwise noted. VVIDIN = 286mV (MAX9503G), VVIDIN = 143mV (MAX9503M). Typical values
are at TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com