Electronic Components Datasheet Search
  English  ▼

X  

MBRF1635CT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MBRF1635CT
Description  Dual Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MBRF1635CT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MBRF1635CT Datasheet HTML 1Page - List of Unclassifed Manufacturers MBRF1635CT Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MBRF1635CT thru MBRF1660CT
Crownpo Technology
www.crownpo.com
01-Mar-04
Document No. 11050
Ratings and
Characteristic Curves (TA = 25-C unless otherwise noted)
50
10
Typical Reverse Characteristics Per Leg
1.0
0.1
0.01
Forward Current Derating Curve
0
4
8
12
20
0
50
100
150
16
Number of Cycles at 60 HZ
Maximum Non-Repetitive Peak
Forward Surge Current Per Leg
0
30
90
60
150
120
180
1
2
5
10
20
50
100
TJ = TJ max.
8.3ms Single Half Sine-Wave
(JEDEC Method)
Case Temperature (
-C)
Typical Instantaneous
Forward Characteristics Per Leg
1.0
10
50
0.01
0.001
0.1
TJ = 125
-C
75
-C
25
-C
Resistive or Inductive Load
0.01
110
100
10
100
0.1
0.1
1
t
sPulse Duration (sec.)
TJ = 25
-C
Typical Junction Capacitance Per Leg
110
100
1,000
4,000
100
0.1
Reverse Voltage (V)
TJ = 25
-C
f = 1.0 MHZ
Vsig = 50mVp-p
Instantaneous Forward Voltage (V)
00.2
0.1
0.6
1.1
1.2
0.4
0.3
0.7 0.8 0.9
0.5
1.0
Pulse Width = 300
es
1% Duty Cycle
0
20
100
40
60
80
Typical Transient
Thermal Impedance Per Leg
Percent of Rated Peak Reverse Voltage (%)
MBRF1635CT - MBRF1645CT
MBRF1650CT & MBRF1660CT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com