Electronic Components Datasheet Search
  English  ▼

X  

MLX90240 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MLX90240
Description  Pressure Sensor IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MLX90240 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MLX90240 Datasheet HTML 1Page - List of Unclassifed Manufacturers MLX90240 Datasheet HTML 2Page - List of Unclassifed Manufacturers MLX90240 Datasheet HTML 3Page - List of Unclassifed Manufacturers MLX90240 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MLX90240
Pressure Sensor IC
MLX90240 Pressure Sensor IC
Page 2
Rev 1.0 25/April/00
MLX90240 Electrical Specifications
DC Operating Parameters TA = 25C, VDD = 5V, Pressure = 350mBar full scale.
Parameter
Min
Typ
Max
Units
Excitation voltage
0
5
12
V
Offset
-25
0
+25
mV
TC of the Offset
-15
-21
-25
µV/°C
Sensitivity
43
58
71
mV/V/bar
TC of the Sensitivity (1)
-0.17
-0.21
-0.26
%/°C
Bridge impedance
12
14
16
kOhm
TC of the Bridge (1)
0.057
0.063
0.066
%/°C
Non linearity (3)
+/- 0.15
+/- 0.30
%FS
Hysteresis
0.1
% FS
Offset Long term stability (2)
0.5
%FS
Sensitivity Long term stability (2)
0.3
%
Burst pressure
5x
FS pressure
Operating Temp
-20
85
°C
Storage Temp
-40
125
°C
Notes:
1)
Between 0 and 70°C
2)
After: 100 thermos cycles 0 – 70°C
3)
1 mil pressure cycles 0 – 350 mbar
4)
Typical 0.5% FS for 0-500 mbar range



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com