Electronic Components Datasheet Search
  English  ▼

X  

SC-12S Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # SC-12S
Description  Mobile Phone, Wearable, Module, Sub-clock function for a variety of Microcomputer, etc.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

SC-12S Datasheet(HTML) 1 Page - Seiko Instruments Inc

  SC-12S Datasheet HTML 1Page - Seiko Instruments Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Quartz Crystal Unit
・Ultra small size package (1.2x1.0x0.5mm max.).
・SMD type suitable for high density surface mounting.
・Excellent shock and heat resistance.
・Pb-free.
・Complies with EU RoHS directive.
・A crystal resonator processed by high
 reliable photo-lithographic technology inside.
Mobile Phone, Wearable, Module, Sub-clock function
for a variety of Microcomputer, etc.
Conditions where not specified (Temperature: 25±2℃, DL: 0.1μW)
Symbol
 Nominal Frequency
f_nom
 Frequency Tolerance
f_tol
 Turnover Temperature
Ti
 Parabolic Coefficient
B
 Load Capacitance
CL
 Motional Resistance (ESR)
R1
 Absolute Maximum Drive Level DLmax.
 Level of Drive
DL
 Shunt Capacitance
C0
 Frequency Ageing
f_age
+25±3℃, First Year
 Operating Temperature
T_use
 Storage Temperature
T_stg
Piece part basis
       Unit:mm
Remark: Please make sure there is no pattern under SC-12S on the circuit board.
-40〜+85℃
-55〜+125℃
90kΩ max.
0.3μW max.
0.1μW typ.
1.4pF typ.
Conditions / Note
6.0pF, 7.0pF, 9.0pF, 12.5pF
Item
Specifications
±5×10-6
32.768kHz
±20×10-6
+25±5℃
(-0.036±10%)×10-6/℃2
※Please contact us for inquiries
regarding available tolerance.
※Please contact us for inquiries
regarding available CL.
FEATURES
SC-12S
APPLICATIONS
STANDARD SPECIFICATIONS
DIMENSIONS
INTERNAL LEAD CONNECTIONS
RECOMMENDED SOLDERING PATTERN
Seiko Instruments Inc.
Electronic Componets Sales Head Office
1-8, Nakase, Mihamaku, Chiba-shi, Chiba 261-8507, Japan
Tel : +81-43-211-1207 Fax : +81-43-211-8030
http : //www.sii.co.jp/en/quartz
/
#2
#1
****
#
#
#
#1
11
1
#
#
#
#2
22
2
#
#
#
#1
11
1
#
#
#
#2
22
2
UNIT:mm
UNIT:mm


Similar Part No. - SC-12S

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SC-12 COOPER-SC-12 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A
logo
Eaton All Rights Reserv...
SC-12 EATON-SC-12 Datasheet
401Kb / 3P
SC Class G, 600Vac/480Vac, 1??-60A size-rejecting fuses
logo
Molex Electronics Ltd.
SC-12-10 MOLEX4-SC-12-10 Datasheet
106Kb / 2P
Perma-Seal??Butt Splice for 10-12 AWG Wire
logo
Kemet Corporation
SC-12-100JH KEMET-SC-12-100JH Datasheet
129Kb / 1P
KEMET, SC-JH, AC Line Filters, Common Mode, 0.01 H
logo
Molex Electronics Ltd.
SC-12-10T MOLEX4-SC-12-10T Datasheet
109Kb / 3P
Perma-Seal??Butt Splice for 10-12 AWG Wire
More results

Similar Description - SC-12S

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6808 OKI-MSM6808 Datasheet
679Kb / 18P
SPLIT FILTER LSI FOR MODEM FUNCTION IN THE CELLULAR MOBILE PHONE
MSM74017 OKI-MSM74017 Datasheet
405Kb / 12P
MODULATOR/DEMODULATOR FOR MODEM FUNCTION IN THE CELLULAR MOBILE PHONE
logo
Rohm
BD6020GU ROHM-BD6020GU Datasheet
391Kb / 6P
Power supply for CCD camera of mobile phone
BD6028GU ROHM-BD6028GU Datasheet
399Kb / 6P
Power supply for CCD camera of mobile phone
logo
Hitachi Semiconductor
PF0031 HITACHI-PF0031 Datasheet
55Kb / 13P
MOS FET Power Amplifier Module for Mobile Phone
logo
List of Unclassifed Man...
FVTO321S ETC2-FVTO321S Datasheet
140Kb / 1P
VOTCXO FOR MOBILE PHONE
logo
NIHON DEMPA KOGYO
NT1612AA NDK-NT1612AA Datasheet
649Kb / 1P
Smartphone / Mobile phone, Wireless module, and GPS / GNSS module, etc.
NT1612AB NDK-NT1612AB Datasheet
652Kb / 1P
Smartphone / Mobile phone, Wireless module, and GPS / GNSS module, etc.
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
For a variety of applications
logo
Shenzhen Huazhimei Semi...
HM6610 HMSEMI-HM6610 Datasheet
1Mb / 13P
Support smart interface chip of QC3.0/Apple mobile phone/Samsung mobile phone
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com