Electronic Components Datasheet Search
  English  ▼

X  

MSK610 Datasheet(PDF) 1 Page - M.S. Kennedy Corporation

Part # MSK610
Description  VERY WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK610 Datasheet(HTML) 1 Page - M.S. Kennedy Corporation

  MSK610 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK610 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK610 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK610 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK610 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK610 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4707 Dey Road Liverpool, N.Y. 13088
M.S.KENNEDY CORP.
(315) 701-6751
FEATURES:
Ultra Low Quiescent Current - ±12mA for High Voltage Stage
110V Peak to Peak Output Voltage Swing
Slew Rate - 5000V/µS Typical @ 100Vpp
Gain Bandwidth Product - 550 MHz Typical
Full Power Output Frequency - 9 MHz Typical
Output Current - 250mA Peak
Adjustable VHV Power Supply Minimizes Power Dissipation
Compact Package Offers Superior Power Dissipation
610
+VHV
+VSC
OUTPUT
CASE/GROUND
-VSC
-VCC
1
2
3
4
5
6
12
11
10
9
8
7
COMP
+VCC
GROUND
N/C
-INPUT
N/C
Wideband High Voltage Amplifier
High Resolution CRT Monitor
Ultra High Performance Video Processing
CRT Beam Intensity Control
Varactor Tuned VCO Driver
Automatic Test Equipment
PIN-OUT INFORMATION
TYPICAL APPLICATIONS
The MSK 610 is a high voltage very wideband amplifier designed to provide large voltage swings at high slew
rates in wideband systems. The true inverting op-amp topology employed in the MSK 610 provides excellent D.C.
specifications such as input offset voltage and input bias current. These attributes are important in amplifiers that will
be used in high gain configurations since the input error voltages will be multiplied by the system gain. The MSK 610
achieves impressive slew rate specifications by employing a feed forward A.C. path through the amplifier, however,
the device is internally configured in inverting mode to utilize this benefit. Internal compensation for gains of -5V/V or
greater keeps the MSK 610 stable in this range. The MSK 610 is packaged in a space efficient, hermetically sealed,
12 pin power dual in line package that has a high thermal conductivity for efficient device cooling.
DESCRIPTION:
EQUIVALENT SCHEMATIC
MIL-PRF-38534 QUALIFIED
ISO 9001 CERTIFIED BY DSCC
VERY WIDE BANDWIDTH
HIGH VOLTAGE AMPLIFIER
Rev. A 8/00
1


Similar Part No. - MSK610

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
MSK610 ANAREN-MSK610 Datasheet
199Kb / 4P
VERY WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK610B ANAREN-MSK610B Datasheet
199Kb / 4P
VERY WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
logo
M.S. Kennedy Corporatio...
MSK610 MSK-MSK610_15 Datasheet
199Kb / 4P
Ultra Low Quiescent Current - 짹12mA for High Voltage Stage
More results

Similar Description - MSK610

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK640 MSK-MSK640 Datasheet
359Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK601 MSK-MSK601 Datasheet
188Kb / 6P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK604 MSK-MSK604 Datasheet
148Kb / 6P
NEGATIVE OUTPUT WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK641 MSK-MSK641 Datasheet
290Kb / 6P
WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK642 MSK-MSK642 Datasheet
280Kb / 6P
WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK643 MSK-MSK643 Datasheet
284Kb / 6P
WIDE BANDWIDTH, VERY HIGH VOLTAGE CRT VIDEO AMPLIFIER
MSK600 MSK-MSK600 Datasheet
188Kb / 6P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
logo
Mini-Circuits
K1-ADTL MINI-K1-ADTL Datasheet
263Kb / 1P
Very wide bandwidth
logo
Anaren Microwave
MSK610 ANAREN-MSK610 Datasheet
199Kb / 4P
VERY WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
MSK600 ANAREN-MSK600 Datasheet
200Kb / 4P
WIDE BANDWIDTH HIGH VOLTAGE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com