Electronic Components Datasheet Search
  English  ▼

X  

MP05754 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP05754
Description  SAW Filter 154.10MHz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP05754 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP05754 Datasheet HTML 1Page - Golledge Electronics Ltd MP05754 Datasheet HTML 2Page - Golledge Electronics Ltd MP05754 Datasheet HTML 3Page - Golledge Electronics Ltd MP05754 Datasheet HTML 4Page - Golledge Electronics Ltd MP05754 Datasheet HTML 5Page - Golledge Electronics Ltd MP05754 Datasheet HTML 6Page - Golledge Electronics Ltd MP05754 Datasheet HTML 7Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 154.10MHz
Model: TB0608A
Part No: MP05754
Rev. No: 2
TB0608A v2
1
A. MAXIMUM RATING:
1. Operating Temperature: -40°C to +85°C
2. Storage Temperature: -40°C to +85°C
3. Maximum Input Power: 15dBm
B. ELECTRICAL CHARACTERISTICS:
Ambient Temperature: 25°C
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
154.1
-
Insertion Loss IL
dB
-
17
18
1dB bandwidth
MHz
17.5
18.2
-
3dB bandwidth
MHz
-
19.0
20.0
20dB bandwidth
MHz
-
21.3
30
40dB bandwidth
MHz
-
22.0
32
Pass band Ripple (p-p) Within Fc+-8.5MHz
dB
-
1.0
1.2
Group Delay Variation (p-p) Within Fc+-8.5MHz
ns
-
35
60
Relative Attenuation
10MHz to 130MHz
190MHz to 425MHz
425MHz to 500MHz
500MHz to 900MHz
dB
40
35
25
20
55
44
33
27
-
-
-
-


Similar Part No. - MP05754

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP05750 GOLLEDGE-MP05750 Datasheet
200Kb / 6P
SAW Filter 483.0MHz
MP05752 GOLLEDGE-MP05752 Datasheet
94Kb / 6P
SAW Filter 153.60MHz
MP05753 GOLLEDGE-MP05753 Datasheet
321Kb / 6P
SAW Filter 154.040MHz
MP05755 GOLLEDGE-MP05755 Datasheet
94Kb / 6P
SAW Filter 165.740MHz
MP05756 GOLLEDGE-MP05756 Datasheet
80Kb / 5P
SAW Filter 165.740MHz
More results

Similar Description - MP05754

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MP03478 GOLLEDGE-MP03478 Datasheet
139Kb / 5P
SAW Filter 154.10MHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com